Selected language     English  ā–¼


W01M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. W01M
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
HGCTURGS
0 Snka_ io_kfi[^ k[mchal mi ;6 Cgj_k_l j_[e
0 Iii^ `ik jkchm_^ ]ck]ncm \i[k^ [ll_g\fr
0 W_cabm@ 7486 ak[gl
NCXKNUN RCTKOIS COF GMGETRKECM EJCRCETGRKSTKES
R[mchal [m 8; iE [g\c_hm m_gj_k[mnk_ nhf_ll imb_kpcl_ lj_]c`c_^4
Schaf_ jb[l_2 b[f` p[o_2 <6 Js2 k_lclmco_ ik ch^n]mco_ fi[^4
Hik ][j[]cmco_ fi[^2 ^_k[m_ ]nkk_hm \r 86-4
W66;N
TJRU
W76N
WPN
Fcg_hlcihl ch ch]b_l [h^ .gcffcg_m_kl/
K8m R[mcha `ik Hnlcha .m<>49gl/
K8m
76
C8S_]
Trjc][f Lnh]mcih E[j[]cm[h]_ . Oim_7/
EL
8:
jH
Trjc][f Tb_kg[f R_lclm[h]_ .Oim_ 8/
R-LC
9<
6E5W
N[qcgng R_]nkk_hm Q_[e R_o_kl_ Vifm[a_
N[qcgng RNS Dkc^a_ Khjnm Vifm[a_
N[qcgng FE Dfi]echa Vifm[a_
Q_[e Hikp[k^ Snka_ Enkk_hm >49 gl lchaf_ b[f` lch_3p[o_
lnj_kcgjil_^ ih k[m_^ fi[^ .LGFGE N_mbi^/
SYNDPM
VRRN
VFE
KP
KHSN
VRNS
Vifml
Vifml
Vifml
Cgjl
74;
;6
Cgjl
UOKTS
;6
766
866
:66
<66
>66
7666
=6
9;
7:6
8>6
:86
=66
;<6
W66;N W67N
W68N
W6:N
W6<N
W6>N
W76N
N[qcgng Co_k[a_ Hikp[k^ R_]mc`c_^ Pnmjnm Enkk_hm [m TC A8;iE
;6
766
866
:66
<66
>66
7666
TSTI
3;; mi 1 7;6
6E
Smik[a_ T_gj_k[mnk_ R[ha_
Pj_k[mcha T_gj_k[mnk_ R[ha_
TL
3;;mi178;
6E
FE Dfi]echa Vifm[a_ j_k _f_g_hm
VH
KR
746
;66
nCgjl
N[qcgng R_o_kl_ Enkk_hm [m R[m_^
N[qcgng Hikp[k^ Vifm[a_ Fkij j_k _f_g_hm [m 746C FE
Vifml
BTC A8;iE
BTC A 766iE
76
OPTGS @ 74N_[lnk_^ [m 7 NJZ [h^ [jjfc_^ k_o_kl_ oifm[a_ i` :46 oifml
84 Tb_kg[f R_lclm[h]_ `kig Lnh]mcih mi Cg\c_hm [h^ `kig dnh]mcih mi f_[^ ginhm_^ ih Q4E4D4 pcmb 64; q 64;, .79q79gg/ ]ijj_k j[^l4
VPMTCIG RCOIG 3 ;6 mi 7666 Vifml
EURRGOT 3 74; Cgj_k_l
RGETKHKGR SQGEKCMKSTS
R
DC COMPONENTS CO., LTD.
TGEJOKECM SQGEKHKECTKPOS PH SKOIMG3QJCSG SKMKEPO DRKFIG RGETKHKGR
NGEJCOKECM FCTC
0 E[l_@ Nif^_^ jf[lmc]
0 Gjiqr@ UM ?:V36 k[m_ `f[g_ k_m[k^[hm
0 M_[^@ NKM3STF3868G2 N_mbi^ 86> an[k[hm__^
0 Qif[kcmr@ Cl g[ke_^
0 Ninhmcha jilcmcih@ Chr
SQCEKOI




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MMB1505WTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MMB2505TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
BR1505LTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MMB2505WTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
BR2505LTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MMB3505TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
MP6005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
HBL2ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MP8005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
HBL4ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl