Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90SD1636CFDE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI90SD1636CFDE
Description  SERDES Gigabit Ethernet Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636CFDE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI90SD1636CFDE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI90SD1636CFDE Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
PS8922A
11/08/07
PI90SD1636C
SERDES Gigabit Ethernet Transceiver
Table 9. Receiver Timing Characteristics TA = 0°C to +70°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Min.
Typ.
Max.
Unit
b_sync[1]
Bit Sync Time
2500
bits
f_lock
Frequency Lock at Powerup
500
μs
tSETUP
Data Setup Before Rising Edge of RX_CLK
2.5
ns
tHOLD
Data Hold After Rising Edge of RX_CLK
1.5
tDUTY
RX_CLK Duty Cycle
40
60
%
tA-B
RX_CLK Skew
7.5
8.5
ns
T_rxlat[2]
Receiver Latency
22.4
ns
28.0
bits
DATA
DATA
DATA
TX<9:0>
TX_CLK
tHOLD
tSETUP
1.4V
2.0V
0.8V
DATA
DATA
Figure 3. Transmitter Section Timing
T5 T6 T7 T8 T9 T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T0 T1 T2 T3 T4 T5
DATA BYTE A
DATA BYTE B
DATA BYTE B
DATA BYTE C
1.4V
DOUT±
TX<9:0>
TX_CLK
t_TXLAT
Figure 4. Transmitter Latency
Notes:
1.
This is the recovery for input phase jumps.
2.
The receiver latency as shown in Figure 6, is defined as the time between receiving the first serial bit of a parallel data word (defined as the
first edge of the first serial bit) and the clocking out of that parallel word (defined by the rising edge of the receive byte clock, either RBC1 or
RBC0).
07-0253


Similar Part No. - PI90SD1636CFDE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90SD1636A PERICOM-PI90SD1636A Datasheet
559Kb / 15P
   SERDES Gigabit Ethernet Transceiver
PI90SD1636AFC PERICOM-PI90SD1636AFC Datasheet
559Kb / 15P
   SERDES Gigabit Ethernet Transceiver
PI90SD1636AFCE PERICOM-PI90SD1636AFCE Datasheet
559Kb / 15P
   SERDES Gigabit Ethernet Transceiver
PI90SD1636AFD PERICOM-PI90SD1636AFD Datasheet
559Kb / 15P
   SERDES Gigabit Ethernet Transceiver
PI90SD1636AFDE PERICOM-PI90SD1636AFDE Datasheet
559Kb / 15P
   SERDES Gigabit Ethernet Transceiver
More results

Similar Description - PI90SD1636CFDE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90SD1636A PERICOM-PI90SD1636A Datasheet
559Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
NXP Semiconductors
MC92604 NXP-MC92604 Datasheet
203Kb / 2P
   Dual Gigabit Ethernet SerDes Transceiver
2004 REV 1
logo
Vaishali Semiconductor
VN16218 VAISH-VN16218 Datasheet
135Kb / 11P
   2.5 Gigabit SERDES Transceiver
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com