Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82498B3271+000 Datasheet(PDF) 2 Page - EPCOS

Part # B82498B3271+000
Description  SMT inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498B3271+000 Datasheet(HTML) 2 Page - EPCOS

  B82498B3271+000 Datasheet HTML 1Page - EPCOS B82498B3271+000 Datasheet HTML 2Page - EPCOS B82498B3271+000 Datasheet HTML 3Page - EPCOS B82498B3271+000 Datasheet HTML 4Page - EPCOS B82498B3271+000 Datasheet HTML 5Page - EPCOS B82498B3271+000 Datasheet HTML 6Page - EPCOS B82498B3271+000 Datasheet HTML 7Page - EPCOS B82498B3271+000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Size 0805 (EIA) and/or 2012 (IEC)
Rated inductance 2.7 nH to 4700 nH
Rated current 90 mA to 1000 mA
Construction
Cubic coil with ceramic core
Winding partially plastic-sealed
Winding ends welded to terminals
Features
High Q factor
High resonance frequency
Close inductance tolerance
Suitable for lead-free reflow soldering
RoHS-compatible
Applications
Resonant circuits, impedance matching for
Antenna amplifiers
Multimedia
Car access systems
TPMS (Tire Pressure Monitoring System)
Wireless communication systems
GPS (Global Positioning System)
Terminals
Base material Al2O3 ceramic or ferrite
Thick-film coating of Ag/Pd/Pt
Marking
No marking on component
Minimum data on reel:
Manufacturer, ordering code, L value,
quantity, date of packing
Delivery mode and packing unit
8-mm blister tape, wound on 180-mm ∅ reel
Packing unit: 3000 pcs./reel
B82498B
SMT inductors, SIMID series
SIMID 0805-B


Similar Part No. - B82498B3271+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498B3271 EPCOS-B82498B3271 Datasheet
493Kb / 9P
   SMT inductors
B82498B3271J000 EPCOS-B82498B3271J000 Datasheet
170Kb / 8P
   SMT inductors
B82498B3271K000 EPCOS-B82498B3271K000 Datasheet
170Kb / 8P
   SMT inductors
B82498B3271M000 EPCOS-B82498B3271M000 Datasheet
170Kb / 8P
   SMT inductors
More results

Similar Description - B82498B3271+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com