Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN55LVDS31 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN55LVDS31
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LVDS31 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN55LVDS31 Datasheet HTML 4Page - Texas Instruments SN55LVDS31 Datasheet HTML 5Page - Texas Instruments SN55LVDS31 Datasheet HTML 6Page - Texas Instruments SN55LVDS31 Datasheet HTML 7Page - Texas Instruments SN55LVDS31 Datasheet HTML 8Page - Texas Instruments SN55LVDS31 Datasheet HTML 9Page - Texas Instruments SN55LVDS31 Datasheet HTML 10Page - Texas Instruments SN55LVDS31 Datasheet HTML 11Page - Texas Instruments SN55LVDS31 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VI
A
(VOY + VOZ)/2
IOZ
IOY
Y
Z
VOD
VOY
VOC
II
VOZ
Y
Z
VOD
Input
(see Note A)
CL = 10 pF
(2 Places)
(see Note B)
100
± 1%
2 V
1.4 V
0.8 V
tPLH
tPHL
100%
80%
20%
0%
Input
VOD
0
tf
tr
NOTES: A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 50 Mpps,
pulse width = 10
± 0.2 ns.
B. CL includes instrumentation and fixture capacitance within 6 mm of the D.U.T.
Y
Z
Input
(see Note A)
CL = 10 pF
(2 Places)
(see Note B)
49.9
Ω ± 1% (2 Places)
VOC
A
A
VOC
VOC(PP)
(see Note C)
VOC(SS)
0
3 V
NOTES: A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 50 Mpps,
pulse width = 10
± 0.2 ns.
B. CL includes instrumentation and fixture capacitance within 6 mm of the D.U.T.
C. The measurement of VOC(PP) is made on test equipment with a –3-dB bandwidth of at least 300 MHz.
SN55LVDS31, SN65LVDS31
SN65LVDS3487, SN65LVDS9638
SLLS261L – JULY 1997 – REVISED JULY 2007
Figure 1. Voltage and Current Definitions
Figure 2. Test Circuit, Timing, and Voltage Definitions for the Differential Output Signal
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
8
Submit Documentation Feedback


Similar Part No. - SN55LVDS31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LVDS31 TI-SN55LVDS31 Datasheet
277Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
More results

Similar Description - SN55LVDS31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com