Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3T3245 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74CB3T3245
Description  8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3245 Datasheet(HTML) 2 Page - Texas Instruments

  SN74CB3T3245_08 Datasheet HTML 1Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 2Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 3Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 4Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 5Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 6Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 7Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 8Page - Texas Instruments SN74CB3T3245_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
VCC
9VCC
5.5 V
0 V
NOTE A: If the input high-voltage (VIH) level is greater than or equal to (VCC − 1 V) and less than or equal to 5.5 V,
then the output high-voltage (VOH) level will be equal to approximately the VCC voltage level.
Input Voltages
Output Voltages
0 V
9VCC − 1 V
9VCC − 1 V
VCC
IN
OUT
CB3T
SN74CB3T3245
8-BIT FET BUS SWITCH
2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SCDS136 – OCTOBER 2003 – REVISED MARCH 2005
Figure 1. Typical DC Voltage Translation Characteristics
The SN74CB3T3245 is an 8-bit bus switch with a single ouput-enable (OE) input and a standard '245 pinout.
When OE is low, the 8-bit bus switch is ON, and the A port is connected to the B port, allowing bidirectional data
flow between ports. When OE is high, the 8-bit bus switch is OFF, and a high-impedance state exists between
the A and B ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging
current will not backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74CB3T3245DW
SOIC – DW
CB3T3245
Tape and reel
SN74CB3T3245DWR
SSOP (QSOP) – DBQ
Tape and reel
SN74CB3T3245DBQR
CB3T3245
–40
°C to 85°C
Tube
SN74CB3T3245PW
TSSOP – PW
KS245
Tape and reel
SN74CB3T3245PWR
TVSOP – DGV
Tape and reel
SN74CB3T3245DGVR
KS245
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
INPUT
INPUT/OUTPUT
FUNCTION
OE
A
L
B
A port = B port
H
Z
Disconnect
2


Similar Part No. - SN74CB3T3245_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3245 TI-SN74CB3T3245_07 Datasheet
356Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
More results

Similar Description - SN74CB3T3245_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3245 TI-SN74CB3T3245_10 Datasheet
512Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245 TI-SN74CB3T3245_07 Datasheet
356Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_08 Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211 Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_07 Datasheet
218Kb / 15P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI-SN74CB3T16210 Datasheet
200Kb / 14P
[Old version datasheet]   2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com