Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATM-0018 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATM-0018
Description  ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATM-0018 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATM-0018 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATM-0018 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATM-0018 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8200C
Page 3 of 3
20021 Susana Road, Rancho Dominguez, CA 90221
(310) 764-4600 Fax (310) 764-2545 Customer Service Fax (310) 764-1783
For a technical contact nearest you, visit
www.ablestik.com
The information given and the recommendations made herein are believed to be accurate but no guarantee of their accuracy is made. In every
case we recommend that purchasers before using any product conduct their own tests to determine whether the product is suitable for their
particular purposes under their own operating conditions. No representative of ours has any authority to waive or change the foregoing provisions
but, subject to such provisions, our engineers are available to assist purchasers in adapting our products to their needs. Nothing contained
herein shall be construed to imply the nonexistence of any relevant patents or to constitute a permission, inducement or recommendation
to practice any invention covered by any patent, without the authority from the owner of this patent. These materials are not designed or
manufactured for implantation in the human body. Approval from FDA for such use as part of any product to be implanted in the human body
has NOT been sought nor received. We also expect purchasers to use our products in accordance with the guiding principles of the American
Chemistry Council’s Responsible Care® program.
THAWING
Allow the container to reach room temperature before
use. After removing from the freezer, set the syringes
to stand vertically while thawing. Refer to Syringe Thaw
Time chart for the thaw time recommendation.
DO NOT open the container before contents reach
ambient temperature. Any moisture that collects on the
thawed container should be removed prior to opening
the container.
DO NOT re-freeze. Once thawed to room temperature,
the adhesive should not be re-frozen.
ADHESIVE APPLICATION
Thawed adhesive should be immediately placed
on dispense equipment for use. If the adhesive is
transferred to a final dispensing reservoir, care must be
exercised to avoid entrapment of contaminants and/or
air into the adhesive. Adhesive must be completely
used within the product’s recommended work life of >24
hours.
Apply enough adhesive to achieve a 25-50 µm (1-2 mil) wet
bondline thickness, dispensed with approximately 25% - 50%
filleting on all sides of the die. Alternate dispense amounts
may be used depending on the application requirements.
Star or cross shaped dispense patterns will yield fewer
bondline voids than the matrix style of dispense pattern.
Contact Ablestik Technical Service Department for detailed
recommendation on adhesive application, including
dispensing.
CURE
This adhesive can be cured in box or in-line ovens. The
recommended box oven cure temperature for this adhesive
is 175°C.
AVAILABILITY
ABLEBOND® adhesives are packaged in syringes or jars
per customer specification. Available package sizes range
from 1cc to 30cc and 1 ounce to 1 pound. For details, refer
to the Ablestik Standard Package Data Set or contact your
Customer Service Representative.
CAUTION: This product may cause skin irritation in sensitive persons. Avoid skin contact. If contact does occur, wash area
immediately with soap and water. Please refer to the Material Safety Data Sheet for more details.


Similar Part No. - ATM-0018

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ATM-1 EATON-ATM-1 Datasheet
796Kb / 2P
   ATM blade fuses
logo
Cooper Bussmann, Inc.
ATM-10 COOPER-ATM-10 Datasheet
83Kb / 1P
   Blade-Type Fuses ATM Series, Fast Acting
ATM-10 COOPER-ATM-10 Datasheet
306Kb / 2P
   ATM blade fuses
ATM-15 COOPER-ATM-15 Datasheet
83Kb / 1P
   Blade-Type Fuses ATM Series, Fast Acting
ATM-15 COOPER-ATM-15 Datasheet
306Kb / 2P
   ATM blade fuses
More results

Similar Description - ATM-0018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
84-1LMISR4 ETC2-84-1LMISR4 Datasheet
387Kb / 3P
   ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
2815A ETC2-2815A Datasheet
333Kb / 3P
   THERMALLY CONDUCTIVE DIE ATTACH ADHESIVE
logo
3M Electronics
9703 3M-9703 Datasheet
148Kb / 5P
   Electrically Conductive Adhesive Transfer Tape 9703
logo
List of Unclassifed Man...
C850-6 ETC-C850-6 Datasheet
74Kb / 2P
   Silver Filled, Epoxy Die Attach Adhesive
logo
3M Electronics
9725 3M-9725 Datasheet
147Kb / 4P
   3M??XYZ-Axis Electrically Conductive Adhesive Transfer Tape (ECATT) 9725
2009
logo
Cree, Inc
C450TR5050-S18000 CREE-C450TR5050-S18000 Datasheet
519Kb / 5P
   Adhesive Die Attach Low Forward Voltage 3.3 V Typical at 120 mA
logo
3M Electronics
1170 3M-1170 Datasheet
107Kb / 2P
   Aluminum Foil with Conductive Adhesive
1181 3M-1181 Datasheet
107Kb / 2P
   Copper Foil with Conductive Adhesive
8805 3M-8805 Datasheet
175Kb / 7P
   Thermally Conductive Adhesive Transfer Tapes
33316 3M-33316 Datasheet
29Kb / 2P
   Electrically Conductive Tinned Copper Foil
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com