Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB025 Datasheet(PDF) 2 Page - Microchip Technology

Part # TB025
Description  Microcontrollers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TB025 Datasheet(HTML) 2 Page - Microchip Technology

  TB025 Datasheet HTML 1Page - Microchip Technology TB025 Datasheet HTML 2Page - Microchip Technology TB025 Datasheet HTML 3Page - Microchip Technology TB025 Datasheet HTML 4Page - Microchip Technology TB025 Datasheet HTML 5Page - Microchip Technology TB025 Datasheet HTML 6Page - Microchip Technology TB025 Datasheet HTML 7Page - Microchip Technology TB025 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TB025
DS91025A-page 2
© 1998 Microchip Technology Inc.
FIGURE 1:
EECON1 REGISTER
HEX FILE FORMAT
The data to be programmed into program memory will
be read into the microcontroller using one of its stan-
dard interface modules: SPI, I2C™, USART, or PSP.
Probably the simplest format to send the data to the
microcontroller is in the standard HEX format used by
the Microchip development tools. The formats sup-
ported are the Intel HEX Format (INHX8M), Intel Split
HEX Format (INHX8S), and the Intel HEX 32 Format
(INHX32). The most commonly used formats are the
INHX8M and INHX32 and therefore are the only for-
mats discussed in this document.
Please refer to
Appendix A in the MPASM User's Guide (DS33014) for
more information about HEX file formats. The differ-
ence between INHX8M and INHX32 is that INHX32
supports 32-bit addresses using a linear address
record. The basic format of the hex file is the same
between both formats as shown below:
:BBAAAATTHHHH...HHHHCC
Each data record begins with a 9 character prefix and
always ends with a 2 character checksum. All records
begin with a ':' regardless of the format. The individual
elements are described below.
• BB - is a two digit hexadecimal byte count repre-
senting the number of data bytes that will appear
on the line. Divide this number by two to get the
number of words per line.
• AAAA - is a four digit hexadecimal address repre-
senting the starting address of the data record.
Format is high byte first followed by low byte. The
address is doubled because this format only sup-
ports 8-bits (to find the real PICmicro address,
simply divide the value AAAA by 2).
• TT - is a two digit record type that will be '00' for
data records, '01' for end of file records and '04'
for extended address record (INHX32 only).
• HHHH - is a four digit hexadecimal data word. For-
mat is low byte followed by high byte. There will
be BB/2 data words following TT.
• CC - is a two digit hexadecimal checksum that is
the two's complement of the sum of all the pre-
ceding bytes in the line record.
Since the PIC16F87X devices only have a maximum of
8K words, the linear address record '04' is ignored by
the routine. The HEX file is composed of ASCII char-
acters 0 thorough 9 and A to F and the end of each line
has a carriage return and linefeed. The downloader
code in the PICmicro microcontrollers must convert the
ASCII characters to binary numbers to be used for pro-
gramming.
R/W-x
U-0
U-0
U-0
R/W-x
R/W-0
R/S-0
R/S-0
EEPGD —
WRERR WREN
WR
RD
R= Readable bit
W= Writable bit
S= Settable bit
U= Unimplemented bit,
read as ‘0’
- n= Value at POR reset
bit7
bit0
bit 7:
EEPGD: Program / Data EEPROM Select bit
1 = Accesses Program memory
0 = Accesses data memory
Note: This bit cannot be changed while a write operation is in progress.
bit 6:4:
Unimplemented: Read as '0'
bit 3:
WRERR: EEPROM Error Flag bit
1 = A write operation is prematurely terminated
(any MCLR reset or any WDT reset during normal operation)
0 = The write operation completed
bit 2:
WREN: EEPROM Write Enable bit
1 = Allows write cycles
0 = Inhibits write to the EEPROM
bit 1:
WR: Write Control bit
1 = initiates a write cycle.
The bit is cleared by hardware once write is complete.
The WR bit can only be set (not cleared) in software.
0 = Write cycle to the EEPROM is complete
bit 0:
RD: Read Control bit
1 = Initiates an EEPROM read (read takes one cycle)
RD is cleared in hardware. The RD bit can only be set (not cleared) in software.
0 = Does not initiate an EEPROM read


Similar Part No. - TB025

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0251A TAI-SAW-TB0251A Datasheet
796Kb / 5P
   248.45 MHz PHS IF SAW Filter (SMD 3.5횞3.5 mm)
TB0252A TAI-SAW-TB0252A Datasheet
169Kb / 7P
   SAW Filter 243.95 MHz 0.26MHz BW
TB0252B TAI-SAW-TB0252B Datasheet
317Kb / 7P
   243.95 MHz PHS IF SAW Filter (SMD 3.0횞3.0 mm)
TB0253A TAI-SAW-TB0253A Datasheet
845Kb / 6P
   243.95 MHz PHS IF SAW Filter (SMD 3.5횞3.5 mm)
TB0257A TAI-SAW-TB0257A Datasheet
413Kb / 4P
   SAW IF Filter 36.125MHz for Digital Cable TV
More results

Similar Description - TB025

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com