Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A22364DRCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A22364DRCR
Description  0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A22364DRCR Datasheet(HTML) 2 Page - Texas Instruments

  TS5A22364DRCR Datasheet HTML 1Page - Texas Instruments TS5A22364DRCR Datasheet HTML 2Page - Texas Instruments TS5A22364DRCR Datasheet HTML 3Page - Texas Instruments TS5A22364DRCR Datasheet HTML 4Page - Texas Instruments TS5A22364DRCR Datasheet HTML 5Page - Texas Instruments TS5A22364DRCR Datasheet HTML 6Page - Texas Instruments TS5A22364DRCR Datasheet HTML 7Page - Texas Instruments TS5A22364DRCR Datasheet HTML 8Page - Texas Instruments TS5A22364DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
TS5A22362,, TS5A22364
0.65-
Ω DUAL SPDT ANALOG SWITCHES
WITH NEGATIVE SIGNALING CAPABILITY
SCDS261 – MARCH 2008
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
TS5A22362YZPR
392
NanoFree™ – WCSP (DSBGA)
Tape and reel
YZP (Pb-free)
TS5A22364YZPR
382
TS5A22362DGSR
39R
–40
°C to 85°C
MSOP (VSSOP) – DGS
Tape and reel
TS5A22364DGSR
38R
TS5A22362DRCR
ZVG
SON – DRC
Tape and reel
TS5A22364DRCR
ZVF
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
SUMMARY OF CHARACTERISTICS
V+ = 2.7 V, TA = 25°C
2:1 Multiplexer/Demultiplexer
Configuration
(2
× SPDT)
Number of channels
2
ON-state resistance (ron)
0.65
ON-state resistance match (
Δron)
0.023
ON-state resistance flatness (ron(flat))
0.18
Turn-on/turn-off time (tON/tOFF)
80 ns/70 ns
Break-before-make time (tBBM)
7 ns
Charge injection (QC)
150 pC
Bandwidth (BW)
17 MHz
OFF isolation (OISO)
–66 dB at 100 kHz
Crosstalk (XTALK)
–75 dB at 100 kHz
Total harmonic distortion (THD)
0.01%
Leakage current (INO(OFF), INC(OFF))
TBD nA
10-pin WCSP (YZP),
Package options
10-pin VSSOP (DGS),
and 10-pin SON (DRC)
FUNCTION TABLE
NC TO COM,
NO TO COM,
IN
COM TO NC
COM TO NO
L
ON
OFF
H
OFF
ON
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TS5A22362 TS5A22364


Similar Part No. - TS5A22364DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22364DRCR TI-TS5A22364DRCR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DRCR TI-TS5A22364DRCR Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DRCR TI1-TS5A22364DRCR Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364DRCR TI1-TS5A22364DRCR Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

Similar Description - TS5A22364DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com