Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4348AIDR Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4348AIDR
Description  1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4348AIDR Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA4348AIDR Datasheet HTML 1Page - Burr-Brown (TI) OPA4348AIDR Datasheet HTML 2Page - Burr-Brown (TI) OPA4348AIDR Datasheet HTML 3Page - Burr-Brown (TI) OPA4348AIDR Datasheet HTML 4Page - Burr-Brown (TI) OPA4348AIDR Datasheet HTML 5Page - Burr-Brown (TI) OPA4348AIDR Datasheet HTML 6Page - Burr-Brown (TI) OPA4348AIDR Datasheet HTML 7Page - Burr-Brown (TI) OPA4348AIDR Datasheet HTML 8Page - Burr-Brown (TI) OPA4348AIDR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
OPA348, 2348, 4348
2
SBOS213C
www.ti.com
Supply Voltage, V– to V+ ................................................................... 7.5V
Signal Input Terminals, Voltage(2) .................. (V–) – 0.5V to (V+) + 0.5V
Current(2) .................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –65
°C to +150°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only. Functional opera-
tion of the device at these conditions, or beyond the specified operating
conditions, is not implied. (2) Input terminals are diode-clamped to the
power-supply rails. Input signals that can swing more than 0.5V beyond the
supply rails should be current-limited to 10mA or less. (3) Short-circuit to
ground, one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER(2)
MEDIA, QUANTITY
Single
OPA348AI
SOT23-5
DBV
–40
°C to +125°C
A48
OPA348AIDBVT
Tape and Reel, 250
"
"""
"
OPA348AIDBVR
Tape and Reel, 3000
OPA348AI
SO-8
D
–40
°C to +125°C
348A
OPA348AID
Tubes, 100
"
"""
"
OPA348AIDR
Tape and Reel, 2500
OPA348AI
SC70-5
DCK
–40
°C to 125°C
S48
OPA348AIDCKT
Tape and Reel, 250
"
"""
"
OPA348AIDCKR
Tape and Reel, 3000
Dual
OPA2348AI
SOT23-8
DCN
–40
°C to +125°C
B48
OPA2348AIDCNT
Tape and Reel, 250
"
"""
"
OPA2348AIDCNR
Tape and Reel, 3000
OPA2348AI
SO-8
D
–40
°C to +125°C
2348A
OPA2348AID
Tubes, 100
"
"""
"
OPA2348AIDR
Tape and Reel, 2500
Quad
OPA4348AI
SO-14
D
–40
°C to +125°C
OPA4348
OPA4348AID
Tubes, 58
"
"""
"
OPA4348AIDR
Tape and Reel, 2500
OPA4348AI
TSSOP-14
PW
–40
°C to +125°C
4348A
OPA4348AIPWT
Tubes, 250
"
"""
"
OPA4348AIPWR
Tape and Reel, 2500
NOTES: (1) For the most current specifications and package information, refer to our web site at www.ti.com. (2) Models labeled with “T” indicate smaller quantity
tape and reel, “R” indicates large quantity tape and reel and “D” indicates tubes of specified quantity.


Similar Part No. - OPA4348AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4348AIDR TI-OPA4348AIDR Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4348AIDR TI-OPA4348AIDR Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4348AIDR TI-OPA4348AIDR Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA4348AIDR TI1-OPA4348AIDR Datasheet
1Mb / 32P
[Old version datasheet]   1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
OPA4348AIDRG4 TI-OPA4348AIDRG4 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4348AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_06 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
STMicroelectronics
TSX631 STMICROELECTRONICS-TSX631 Datasheet
1Mb / 31P
   Micropower (45 關A, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
logo
Texas Instruments
OPA348 TI1-OPA348_15 Datasheet
1Mb / 32P
[Old version datasheet]   1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA2348-Q1 TI1-OPA2348-Q1 Datasheet
685Kb / 18P
[Old version datasheet]   1-MHz 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI1-OPA2348-HIREL Datasheet
219Kb / 14P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI-OPA2348-HIREL_15 Datasheet
183Kb / 15P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com