Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA348AIDCKRG4 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA348AIDCKRG4
Description  1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA348AIDCKRG4 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA348AIDCKRG4 Datasheet HTML 3Page - Burr-Brown (TI) OPA348AIDCKRG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA348AIDCKRG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA348AIDCKRG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA348AIDCKRG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA348AIDCKRG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA348AIDCKRG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA348AIDCKRG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA348AIDCKRG4 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
OPA348, 2348, 4348
7
SBOS213C
www.ti.com
FIGURE 3. OPA348—No Phase Inversion with Inputs Greater
than the Power-Supply Voltage.
APPLICATIONS INFORMATION
OPA348 series op amps are unity-gain stable and suitable
for a wide range of general-purpose applications.
The OPA348 series features wide bandwidth and unity-gain
stability with rail-to-rail input and output for increased dynamic
range. Figure 1 shows the input and output waveforms for the
OPA348 in unity-gain configuration. Operation is from a single
+5V supply with a 100k
Ω load connected to V
S/ 2. The input is
a 5Vp-p sinusoid. Output voltage is approximately 4.98Vp-p.
Power-supply pins should be bypassed with 0.01
µF ceramic
capacitors.
on the high end. Within the 200mV transition region PSRR,
CMRR, offset voltage, offset drift, and THD may be degraded
compared to operation outside this region.
FIGURE 1. The OPA348 Features Rail-to-Rail Input/Output.
5V
0V
G = +1V/V, V
S = +5V
20
µs/div
Output (Inverted on Scope)
OPERATING VOLTAGE
OPA348 series op amps are fully specified and tested from
+2.5V to +5.5V. However, supply voltage may range from
+2.1V to +5.5V. Parameters are tested over the specified
supply range—a unique feature of the OPA348 series. In
addition, all temperature specifications apply from –40
°C to
+125
°C. Most behavior remains virtually unchanged through-
out the full operating voltage range. Parameters that vary
significantly with operating voltages or temperature are shown
in the Typical Characteristics.
COMMON-MODE VOLTAGE RANGE
The input common-mode voltage range of the OPA348 series
extends 200mV beyond the supply rails. This is achieved
with a complementary input stage—an N-channel input differ-
ential pair in parallel with a P-channel differential pair. The
N-channel pair is active for input voltages close to the positive
rail, typically (V+) – 1.2V to 300mV above the positive supply,
while the P-channel pair is on for inputs from 300mV below the
negative supply to approximately (V+) – 1.4V. There is a small
transition region, typically (V+) – 1.4V to (V+) – 1.2V, in which
both pairs are on. This 200mV transition region, shown in
Figure 2, can vary
±300mV with process variation. Thus, the
transition region (both stages on) can range from (V+) – 1.7V
to (V+) – 1.5V on the low end, up to (V+) – 1.1V to (V+) – 0.9V
RAIL-TO-RAIL INPUT
The input common-mode range extends from (V–) – 0.2V to
(V+) + 0.2V. For normal operation, inputs should be limited to
this range. The absolute maximum input voltage is 500mV
beyond the supplies. Inputs greater than the input common-
mode range but less than the maximum input voltage, while not
valid, will not cause any damage to the op amp. Unlike some
other op amps, if input current is limited the inputs may go
beyond the power supplies without phase inversion, as shown
in Figure 3.
5V
0V
G = +1V/V, V
S = +5V
10
µs/div
V
IN
V
OUT
–0.5
Common-Mode Voltage (V)
OFFSET VOLTAGE
vs FULL COMMON-MODE VOLTAGE RANGE
0
V–
0.5
1.5
12.5
23.5
3
4.5
5
45.5
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
V+
FIGURE 2. Behavior of Typical Transition Region at Room
Temperature.


Similar Part No. - OPA348AIDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348AIDCKRG4 TI-OPA348AIDCKRG4 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348AIDCKRG4 TI-OPA348AIDCKRG4 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348AIDCKRG4 TI1-OPA348AIDCKRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
More results

Similar Description - OPA348AIDCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_06 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
STMicroelectronics
TSX631 STMICROELECTRONICS-TSX631 Datasheet
1Mb / 31P
   Micropower (45 關A, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
logo
Texas Instruments
OPA348 TI1-OPA348_15 Datasheet
1Mb / 32P
[Old version datasheet]   1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA2348-Q1 TI1-OPA2348-Q1 Datasheet
685Kb / 18P
[Old version datasheet]   1-MHz 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI1-OPA2348-HIREL Datasheet
219Kb / 14P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI-OPA2348-HIREL_15 Datasheet
183Kb / 15P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com