Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM10S Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM10S
Description  OCXO in SMD package for Stratum III and Stratum IIIe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM10S Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM10S Datasheet HTML 1Page - Advanced XTAL Products AXIOM10S Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXIOM10S
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM10S
Issue: 03
Date: 2005-07-15
Oscillator type :
OCXO in SMD package
for Stratum III and Stratum IIIe
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
10
12.8
MHz
Standard frequencies
10.0 / 12.8
MHz
Frequency stability
ppm
Initial tolerance
± 500
ppb
@+25°C
vs. temperature (steady state)
± 280
± 10
ppb
ppb
Option II = “S3”
Option II = “S3E”
operating temperature range
-40
0
+80
+70
°C
°C
Option II = “S3”
Option II = “S3E”
vs. supply voltage variation
± 10
ppb
vs. load change
± 10
ppb
long term (aging) 1
st year
@ +40°C, after 30 days
± 200
ppb
Long term stability, overall 15 years
± 4.6
ppm
Note 2
Frequency adjustment range
Electronic Frequency Control (EFC)
N.A.
ppm
N.A.
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
5
ns
Symmetry (duty cycle)
40
60
%
@ VS/2
Warm-up time
5
min
∆f
final/f0 < ±0.1 ppm
Phase noise
@12.8 MHz
-95
-120
-140
-145
dBc
dBc
dBc
dBc
10 Hz
100 Hz
1000 Hz
10000 Hz
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option I = “33”
Option I = “50”
Current consumption
(steady state, @ +25°C)
300
250
mA
mA
Option I = “33”
Option I = “50”
Current consumption (warm-up)
800
500
mA
mA
Option I = “33”
Option I = “50”
Storage temperature range
-45
+85
°C
Enclosure (see drawing)
25.6x22.2x12.5 max.
mm
CO 28 (IEC 61837)
Weight
9
gram
Packing
Bulk, Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as in IEC 61000-
4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Overall frequency stability = temp.stability + supply & load change + aging
Ordering Code:
Model (Specification)
Option I Option II Frequency [MHz]
AXIOM10S
50
S3E
12.8


Similar Part No. - AXIOM10S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
   OCXO in SMD package
AXIOM10-23 AXTAL-AXIOM10-23 Datasheet
100Kb / 2P
   High Stability SMD OCXO with HCMOS Output
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
   UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM10HP AXTAL-AXIOM10HP Datasheet
54Kb / 2P
   High-performance OCXO in SMD package
More results

Similar Description - AXIOM10S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20S AXTAL-AXIOM20S Datasheet
57Kb / 2P
   OCXO in DIL14 package with Stratum III stability
logo
Abracon Corporation
AST3 ABRACON-AST3 Datasheet
223Kb / 2P
   STRATUM -III SMD VCTCXO
1.14.08
logo
Fox Electronics
FTS301-H FOX-FTS301-H Datasheet
68Kb / 1P
   STRATUM III 14-PIN DIP OCXO
FTS501HLF FOX-FTS501HLF Datasheet
174Kb / 1P
   STRATUM III 14-PIN DIP OCXO
FTS301AHLF FOX-FTS301AHLF Datasheet
374Kb / 1P
   STRATUM III 14-PIN DIP OCXO
logo
Advanced XTAL Products
AXIOM60 AXTAL-AXIOM60 Datasheet
54Kb / 2P
   Miniature OCXO with Stratum III stability option
logo
CTS Corporation
114 CTS-114 Datasheet
55Kb / 2P
   Dual-In-Line Stratum 3 OCXO
logo
EUROQUARTZ limited
EQAXM20S EUROQUARTZ-EQAXM20S Datasheet
63Kb / 1P
   STRATUM III OSCILLATORS
logo
CTS Corporation
112 CTS-112 Datasheet
63Kb / 3P
   22x25mm Stratum 3 OCXO
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
   STRATUM 3E HCMOS OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com