Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88014IH5Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL88014IH5Z
Description  5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88014IH5Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL88014IH5Z Datasheet HTML 3Page - Intersil Corporation ISL88014IH5Z Datasheet HTML 4Page - Intersil Corporation ISL88014IH5Z Datasheet HTML 5Page - Intersil Corporation ISL88014IH5Z Datasheet HTML 6Page - Intersil Corporation ISL88014IH5Z Datasheet HTML 7Page - Intersil Corporation ISL88014IH5Z Datasheet HTML 8Page - Intersil Corporation ISL88014IH5Z Datasheet HTML 9Page - Intersil Corporation ISL88014IH5Z Datasheet HTML 10Page - Intersil Corporation ISL88014IH5Z Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN8093.0
February 13, 2006
Applications: Using the ISL8801XEVAL1
Platform
The ISL8801XEVAL1 board is designed to provide both
immediate functional assessment and flexibility to the user
when evaluating any of the ISL88011 - ISL88015 variants
(illustrated in Figure 11). It consists of two identical banks
which each contain the five different pinouts available in this
product family.
The top bank comes populated for immediate assessment of
functionality and performance. It is populated on the top row
with the VTHVDD = 4.38V variants of the ISL88011, ISL88012
and ISL88013. The bottom row is populated with the
ISL88014 and ISL88015, which monitor positive voltages
>0.6V on the VMON input pin.
The bottom bank is left unpopulated to allow other part options
of the ISL88011, ISL88012 and ISL88013 to be evaluated with
a minimal number of passive components to add. The
RST/MR pull-up resistors are included as well as the
ISL88014 and ISL88015 since these ICs have no voltage
variants.
During power-up, the ISL88011 - ISL88015 supervisors will
assert reset once VDD reaches at least 1V. Thereafter, the
ISL88011, ISL88012 and ISL88013 will release the reset once
the VDD supply stays above 4.38V for the nominal tPOR
period. The ISL88012, ISL88014 and ISL88015’s VMON input
pins are biased to trip at 10.7V, 1.93V and 1.2V respectively.
Note that because the ISL88012 is a dual voltage supervisor,
both of the respective minimum thresholds for the VDD and
VMON inputs must be met before reset is released.
All of the parts have the TwinPinTM RST/MR, which combines
the active-low reset output with a manual reset input. The
push-button can be tested by simply driving this to <100mV
above ground for at least 1µs.
For the ISL88011 and ISL88014, the POR timeout delay tPOR
can be increased from the nominal 250ms by connecting a
capacitor to the CPOR pin. A comparison can be made
between the two as the ISL88014 has a 22pF capacitor on its
CPOR pin while the ISL88011 CPOR is left open.
The ISL88013 and ISL88015 have a WDI input pin, which is
connects to a microprocessor or microcontroller. This input
needs to be periodically toggled within 1sec to prevent the
supervisor from asserting reset. The WDI test point on the
ISL8801XEVAL1 board provides easy access to this input.
Multiple IC configurations as shown in Figures 6 through 10
are easy to evaluate with this platform as each bank is
isolated from the other, thereby making VDD voltages and
GND references indepedent of each other.
SPECIAL CONSIDERATIONS:
Using good decoupling practices will prevent transients from
causing unwanted resets (i.e. due to switching noises and
short duration droops in the supply voltage).
When using the CPOR pin, avoid stray capacitance during
layout as much as possible in order to minimize its effect on
the tPOR timing.
FIGURE 10. OVER/UNDERVOLTAGE MONITOR
Typical Application Circuits (Continued)
3.3V
VTHL @ 3.09V
50K
ISL8801X-31
VTHH @ 3.6V
10K
ISL88014 /ISL88015
VDD
RST
VMON
VDD
RST
3.3V
100K
VOLTAGE OUT OF RANGE = PGOOD LOW
3.3V
100K
PGOOD
ISL88011, ISL88012, ISL88013, ISL88014, ISL88015


Similar Part No. - ISL88014IH5Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88014IH5Z-T7A RENESAS-ISL88014IH5Z-T7A Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Intersil Corporation
ISL88014IH5Z-TK INTERSIL-ISL88014IH5Z-TK Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88014IH5Z-TK RENESAS-ISL88014IH5Z-TK Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
More results

Similar Description - ISL88014IH5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Fujitsu Component Limit...
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com