Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST29EE010-120-4I-WH Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST29EE010-120-4I-WH
Description  1 Megabit (128K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE010-120-4I-WH Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST29EE010-120-4I-WH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29EE010-120-4I-WH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29EE010-120-4I-WH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29EE010-120-4I-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29EE010-120-4I-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29EE010-120-4I-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29EE010-120-4I-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE010-120-4I-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE010-120-4I-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
© 2000 Silicon Storage Technology, Inc.
304-3 6/00
1 Megabit Page-Mode EEPROM
SST29EE010 / SST29LE010 / SST29VE010
FUNCTIONAL BLOCK DIAGRAM OF SST29EE010/29LE010/29VE010
Single power supply reprogrammable nonvolatile memo-
ries may be unintentionally altered. SST strongly recom-
mends that Software Data Protection (SDP) always be
enabled. The SST29EE010/29LE010/29VE010 should
be programmed using the SDP command sequence. SST
recommends the SDP Disable Command Sequence not
be issued to the device prior to writing.
Please refer to the following Application Notes located at
the back of this databook for more information on using
SDP:
Protecting Against Unintentional Writes When Using
Single Power Supply Flash Memories
The Proper Use of JEDEC Standard Software Data
Protection
Product Identification
The product identification mode identifies the device as
the SST29EE010/29LE010/29VE010 and manufacturer
as SST. This mode may be accessed by hardware or
software operations. The hardware operation is typically
used by a programmer to identify the correct algorithm
for the SST29EE010/29LE010/29VE010. Users may
wish to use the software product identification operation
to identify the part (i.e. using the device code) when using
multiple manufacturers in the same socket. For details,
see Table 3 for hardware operation or Table 4 for
software operation, Figure 10 for the software ID entry
and read timing diagram and Figure 17 for the ID entry
command sequence flowchart. The manufacturer and
device codes are the same for both operations.
Product Identification Mode Exit
In order to return to the standard read mode, the Software
Product Identification mode must be exited. Exiting is
accomplished by issuing the Software ID Exit (reset)
operation, which returns the device to the Read operation.
The Reset operation may also be used to reset the
device to the Read mode after an inadvertent transient
condition that apparently causes the device to behave
abnormally, e.g. not read correctly. See Table 4 for
software command codes, Figure 11 for timing wave-
form and Figure 17 for a flowchart.
304 PGM T1.2
TABLE 1: PRODUCT IDENTIFICATION TABLE
Byte
Data
Manufacturer’s ID
0000 H
BF H
SST29EE010 Device ID
0001 H
07 H
SST29LE010 Device ID
0001 H
08 H
SST29VE010 Device ID
0001 H
08 H
Y-Decoder and Page Latches
I/O Buffers and Data Latches
304 ILL B1.0
Address Buffer & Latches
X-Decoder
DQ7 - DQ0
A16 - A0
WE#
OE#
CE#
1,048,576 Bit
EEPROM
Cell Array
Control Logic


Similar Part No. - SST29EE010-120-4I-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010-120-4I-WH SST-SST29EE010-120-4I-WH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results

Similar Description - SST29EE010-120-4I-WH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE020 SST-SST29EE020 Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com