Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXLE30S Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXLE30S
Description  TCXO with Stratum III stability incl. holdover
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXLE30S Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXLE30S Datasheet HTML 1Page - Advanced XTAL Products AXLE30S Datasheet HTML 2Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AXLE30S
www.axtal.com
Wasemweg 5
page
1(2)
fon: +49 (6261) 939834
D-74821 Mosbach
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXLE30S
Issue: 02
Date: 2005-05-22
Oscillator type :
TCXO with Stratum III stability incl. holdover
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
1.5
40
MHz
Standard frequencies
1.544 /12.800 / 16.384 /
19.440 / 20.000 / 38.880
MHz
Frequency stability
ppm
Initial tolerance
± 0.5
ppm
@+25°C
Frequency stability
Temperature
Option I
vs. temperature in operating
temperature range (steady state)
± 0.28
± 0.28
± 0.28
ppm
ppm
ppm
0°~+70°C
-20°~+70°C
-40°~+85°C
“728”
“2728”
“828”
vs. supply voltage variation
± 0.1
ppm
vs. load change
± 0.1
ppm
24 hours drift
± 0.04
ppm
GR-1244-CORE or
ITU G.813
24 hours holdover in operating
temperature range and VS ± 1 %
± 0.37
ppm
long term (aging) over 15 year
± 3.5
ppm
@ +40°C
Long term stability (overall)
2 15
years
± 4.6
ppm
See Note 2
Frequency adjustment range
Electronic Frequency Control (EFC
N.A.
ppm
N.A.
RF output
Signal waveform
HCMOS
Load
15
pF
Rise & decay time
5
ns
Symmetry (duty cycle)
45
55
%
@ VS/2
Start-up time
10
ms
@ VS – 5%
Supply voltage VS
3.13
3.3
3.47
V
Current consumption (steady state)
15
mA
@ +25°C
Enable/disable function (Option II)
Pin 2 = HIGH or OPEN: Output Enable
Pin 2 = LOW: Output High Z
Option II = “Z”
Operable temperature range
-45
+90
°C
Storage temperature range
-45
+90
°C
Enclosure (see drawing) LxWxH
25.6 x 22.7 x 7.6max.
mm
IEC 61837 CO 28
Weight
9
gram
Packing
Tape & reel
IEC 60286-3
ESD Sensitivity
1500
V
HBM as in IEC 61000-4-2
Notes:
1.
Terminology and test conditions are according to IEC standard IEC60679-1, unless otherwise stated
2.
Overall frequency stability = initial tolerance + temp.stability + supply & load change + aging
Ordering Code:
Model (Specification)
Option I Option II
Frequency [MHz]
AXLE30S
728
Z
12.800


Similar Part No. - AXLE30S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - AXLE30S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLE10S AXTAL-AXLE10S Datasheet
55Kb / 2P
   TCXO with Stratum III stability incl. holdover
AXLE20S AXTAL-AXLE20S Datasheet
69Kb / 2P
   TCXO with Stratum III long-term stability option
AXIOM60 AXTAL-AXIOM60 Datasheet
54Kb / 2P
   Miniature OCXO with Stratum III stability option
AXIOM20S AXTAL-AXIOM20S Datasheet
57Kb / 2P
   OCXO in DIL14 package with Stratum III stability
logo
MMD Components
MTWC MMD-MTWC_12 Datasheet
147Kb / 3P
   MTWC Series ??Femtocell Stratum III TCXO
MTWS MMD-MTWS_12 Datasheet
144Kb / 3P
   MTWS Series ??Femtocell Stratum III TCXO
MTWC1 MMD-MTWC1_12 Datasheet
147Kb / 3P
   MTWC Series ??Femtocell Stratum III TCXO
MTWS1 MMD-MTWS1_12 Datasheet
144Kb / 3P
   MTWS Series ??Femtocell Stratum III TCXO
logo
QUARTZCOM the communica...
TXO-SW-H-5P-ST3 QUARTZCOM-TXO-SW-H-5P-ST3 Datasheet
163Kb / 1P
   STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
logo
Abracon Corporation
ABDFTCXO ABRACON-ABDFTCXO Datasheet
2Mb / 8P
   DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com