Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLL-5902 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLL-5902
Description  TADIRAN LITHIUM BATTERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLL-5902 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLL-5902 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLL-5902 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nominal capacity @ 1 mA, to 2V
1.1 Ah
Rated voltage
3.6 V
Maximum recommended continuous current
50 mA
Maximum pulse current capability
100 mA
Weight
9.6 g (0.339 oz)
Volume
4 cc
Operating temperature range
-55 ºC to +85 ºC
Li metal content
approx. 0.35 g
U.L. Component Recognition, MH 12193
SUFFIX- /S STANDARD
15-5902-21530
SUFFIX- /T SOLDER TABS
15-5902-31530
SUFFIX- /P AXIAL PINS
15-5902-41530
SUFFIX- /PT2 RADIAL PINS
15-5902-36530
SUFFIX- /TP POLARIZED TABS
15-5902-52530
SUFFIX- /PT POLARIZED TABS
15-5902-53530
TECHNICAL DATA
(Typical values @+25 ºC for batteries stored for one year or less)
International size reference: 1/2AA, ER14252
MODEL TLL-5902
Note: Any presentations in this data sheet concerning performance are for information purpose only and are not construed as
warranties either expressed or implied, of future performance.
TERMINATIONS & ORDERING NO.
iXtra - Long Term High Performance
Rev. C 11/05
Page 1 of 2
DISCHARGE CHARACTERISTICS @ +25ºC
220
~14 mA
(0.80 Ah)
470
~7 mA
(0.97 Ah)
3.6 k
~1 mA
(1.10 Ah)
27 k
~0.125 mA
(1.08 Ah)
40 k
~40
µA
(1.02 Ah)
220 k
~17
µA
(0.92 Ah)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1
10
100
1000
10000
100000
Hours
Volts
VOLTAGE VS. TEMPERATURE
14 mA
7 mA
2 mA
0.8 mA
17
µA
4
µA
2.5
2.7
2.9
3.1
3.3
3.5
3.7
-50
-30
-10
10
30
50
70
90
ºC
Volts
CAPACITY VS. CURRENT
-30 °C
25 °C
55 °C
72 °C
10
1
0.1
0.01
0.2
0.4
0.6
0.8
1.0
1.2
mA
Ah


Similar Part No. - TLL-5902

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-E12B63-061 BETLUX-TLL-E12B63-061 Datasheet
50Kb / 1P
   Mushroom shape bulb
TLL-E12B63-061-B25 BETLUX-TLL-E12B63-061-B25 Datasheet
50Kb / 1P
   Mushroom shape bulb
TLL-E12B63-061-G25 BETLUX-TLL-E12B63-061-G25 Datasheet
50Kb / 1P
   Mushroom shape bulb
TLL-E12B63-061-R25 BETLUX-TLL-E12B63-061-R25 Datasheet
50Kb / 1P
   Mushroom shape bulb
TLL-E12B63-061-w25 BETLUX-TLL-E12B63-061-w25 Datasheet
50Kb / 1P
   Mushroom shape bulb
More results

Similar Description - TLL-5902

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL-5930 ETC2-TL-5930 Datasheet
244Kb / 2P
   TADIRAN LITHIUM BATTERIES
TL-4986 ETC2-TL-4986 Datasheet
138Kb / 1P
   TADIRAN LITHIUM BATTERIES
TL-5937 ETC2-TL-5937 Datasheet
242Kb / 2P
   TADIRAN LITHIUM BATTERIES
TL-4955 ETC2-TL-4955 Datasheet
126Kb / 1P
   TADIRAN LITHIUM BATTERIES
TLH-5903 ETC2-TLH-5903 Datasheet
126Kb / 1P
   TADIRAN LITHIUM BATTERIES
TL-4935 ETC2-TL-4935 Datasheet
125Kb / 1P
   TADIRAN LITHIUM BATTERIES
TL-4920 ETC2-TL-4920 Datasheet
125Kb / 1P
   TADIRAN LITHIUM BATTERIES
CR-V3 ETC2-CR-V3 Datasheet
167Kb / 2P
   Primary lithium batteries
ER14505 ETC2-ER14505 Datasheet
109Kb / 2P
   Primary lithium batteries
ER13150 ETC2-ER13150 Datasheet
129Kb / 2P
   Primary lithium batteries
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com