Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC4130-I Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STC4130-I
Description  Synchronous Clock for SETS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STC4130-I Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STC4130-I Datasheet HTML 1Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 2Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 3Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 4Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 5Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 6Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 7Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 8Page - List of Unclassifed Manufacturers STC4130-I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Data Sheet #: TM084
Page 4 of 44
Rev: P02
Date: 12/5/06
© Copyright 200
6 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC4130
Synchronous Clock for SETS
Data Sheet
STC4130 Pin Description
Table 1: Pin Description
Pin Name
Pin #
I/O1
Description
Vdd33
6,22,31,
44,59,
69,80,
89,97
I
3.3V power input
Vdd18
9,18,27,
38,47,53,
65,73,84,
92
I
1.8V power input
Vss
3,13,15,
20,29,35,
41,49,56,
62,67,71,
78,82,87,
95
Digital ground
AVdd18
1, 76
1.8V analog power input
Avss
75, 100
Analog ground
TRST
94
I
JTAG reset
TCK
93
I
JTAG clock
TMS
91
I
JTAG mode selection
TDI
90
I
JTAG data input
TDO
88
O
JTAG data output
RESET
30
I
Active low to reset the chip
MCLK
99
I
Master clock input, 10 MHZ or 20 MHz
MCLK_FRQ_SEL
98
I
Master clock frequency select, 0 = 10 MHz or 1 = 20 MHz
BUS_MODE0
63
I
Bus mode selection, 00: SPI, 01: Motorola, 10: Intel, 11: Multiplex
BUS_MODE1
64
I
Bus mode selection, 00: SPI, 01: Motorola, 10: Intel, 11: Multiplex
BUS_CS
45
I
Parallel bus or SPI Chip select
BUS_ALE
46
I
Parallel bus address latch or SPI clock input
BUS_WRB
48
I
Parallel bus write or SPI data input
BUS_RDB
50
I
Parallel bus read or read/write input
BUS_RDY
51
O
Parallel bus ready output or SPI data output
BUS_A6
61
I
Bus Address bit 6
BUS_A5
60
I
Bus Address bit 5
BUS_A4
58
I
Bus Address bit 4
BUS_A3
57
I
Bus Address bit 3
BUS_A2
55
I
Bus Address bit 2
BUS_A1
54
I
Bus Address bit 1
BUS_A0
52
I
Bus Address bit 0
BUS_AD7
43
I/O
Parallel bus address/data bit7


Similar Part No. - STC4130-I

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC4130-I CONNOR-WINFIELD-STC4130-I Datasheet
416Kb / 44P
   Synchronous Clock for SETS
More results

Similar Description - STC4130-I

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC4130 CONNOR-WINFIELD-STC4130 Datasheet
416Kb / 44P
   Synchronous Clock for SETS
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
STC5230 CONNOR-WINFIELD-STC5230 Datasheet
791Kb / 48P
   Synchronous Clock for SETS
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5455 CONNOR-WINFIELD-STC5455 Datasheet
919Kb / 56P
   Synchronous Clock for SETS
logo
List of Unclassifed Man...
734200-1 ETC2-734200-1 Datasheet
51Kb / 1P
   HNADTOL FOR CHANGEABLE DIE SETS
logo
Renesas Technology Corp
8A34046 RENESAS-8A34046 Datasheet
2Mb / 101P
   SETS for SyncE and OTN
February 22, 2022
logo
List of Unclassifed Man...
SCG4501 ETC2-SCG4501 Datasheet
1Mb / 16P
   Synchronous Clock Generators
logo
Connor-Winfield Corpora...
SCG3050 CONNOR-WINFIELD-SCG3050 Datasheet
795Kb / 12P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com