Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6378-49 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6378-49
Description  438 PCB Barrier Terminal Strip, 600V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6378-49 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6378-49 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6378-49 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HOW TO ORDER
6
3
X
XX- XX
SERIES
TERMINAL
NO. OF
OPTIONS
STYLE
POLES
1 5
2 to 16
(Dash #s above
6 7
and
opposite page)
*Consult factory for combinations of screw options.
OPTIONS
-45
Slotted screw
-47
Screws up, wire ready
-45-56
Stainless steel screws, slotted
-49
Brass, phillips/slotted screw
-50
Clamp washer, phillips/slotted screw
-58
No screws, barrier only
-59
Screws supplied unassembled
-C
No mounting ends
-M
3.5 M screw, slotted
-V
130ºC insulator
.438" PCB Barrier Terminal Strip, 600V
Features
High voltage density, the 63 series is
our smallest 600V rated PCB barrier
terminal strip.
Robust and durable, 63 series screw
terminals are ultrasonically
welded into the thermoplastic
insulator, eliminating terminal
twisting and associated solder joint
failure.
Wide variety of options. Our broad
range of screw, terminal, hardware
and mounting options allows us to
save you assembly costs and improve
interconnect performance.
Description
The series 63, PCB barrier terminal strip is
our smallest product designed for service
up to 600V. It is an economical, lower
power alternative to our high power 66
series product.
The terminal block can be configured
for maximum 12 AWG wire and up to 25
Amps.
Made in the USA, all Beau terminal
blocks embody the highest quality
standards in the industry-using the finest
materials and world class manufacturing
processes. They meet or exceed all
applicable industry standards.
TECHNICAL SPECIFICATIONS
ELECTRICAL
DWV
10500 VDC
IR
>5000 Megohms
MECHANICAL
Tightening torque
12 in-lbs.
Maximum torque
13 in-lbs.
Wire strip length
5/16"
Wire Range
12 to 24 AWG
ENVIRONMENTAL
Continuous Use Temp
RTI electrical
110oC
RTI mechanical w/o impact
110oC
MATERIALS
Insulator
Thermoplastic,
UL94V-0, black
Terminal
Brass, tin-lead plate
Screws
#6-32, phillips/slotted, steel,
zinc chromate plate
PRODUCT RATINGS
#6-32 BINDING HEAD SCREW
UL
Class B
15 Amps @ 600 V 14 AWG
Class C
15 Amps @ 600 V 14 AWG
CSA
Class B
20 Amps @ 600 V 14 AWG
Class C
20 Amps @ 600 V 14 AWG
#6-32 WIRE CLAMP SCREW
UL
Class B
25 Amps @ 600 V 12 AWG
Class C
25 Amps @ 600 V 12 AWG
CSA
Class B
25 Amps @ 600 V 12 AWG
Class C
25 Amps @ 600 V 12 AWG
NOTE:
3.5M screws carry #6-32 screw ratings.
AGENCY LISTINGS
UL
File No. E48521
Guide No. XCFR2
CSA
File No. 025562
BEAU
Molex Industrial Division
New England Operations
Gilford, NH 03246-6600
Phone
(603) 524-5101
Fax
(603) 524-1627
Internet
www.beauint.com
SERIES 63
BEAU Terminal Blocks


Similar Part No. - 6378-49

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
637 JMK-637 Datasheet
106Kb / 1P
   This series is designed for use where very high DC current must be filtered in a very tight area.
logo
Oscilent Corporation
637 OSCILENT-637 Datasheet
135Kb / 2P
   IC Applicable
logo
EDAC, All Rights Reserv...
637-015-010-051 EDAC-637-015-010-051 Datasheet
1Mb / 4P
   637 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
637-015-010-052 EDAC-637-015-010-052 Datasheet
1Mb / 4P
   637 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
637-015-010-053 EDAC-637-015-010-053 Datasheet
1Mb / 4P
   637 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
More results

Similar Description - 6378-49

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0386608803 MOLEX5-0386608803 Datasheet
203Kb / 3P
   12.70mm (.500") Pitch Beau??PCB Tri-Barrier Terminal Strip, with Mounting Ends, 600V, 3 Circuits
0386608802 MOLEX5-0386608802 Datasheet
203Kb / 3P
   12.70mm (.500") Pitch Beau??PCB Tri-Barrier Terminal Strip, with Mounting Ends, 600V, 2 Circuits
logo
API Technologies Corp
52F188-002-A APITECH-52F188-002-A Datasheet
371Kb / 3P
   Barrier Strip Filtered Terminal Blocks
logo
Spectrum Microwave, Inc...
52-188-002-A SPECTRUM-52-188-002-A Datasheet
124Kb / 2P
   Barrier Strip Filtered Terminal Blocks
logo
Adam Technologies, Inc.
TBN-XX-03-B ADAM-TECH-TBN-XX-03-B Datasheet
81Kb / 1P
   BARRIER STRIP PITCH STRAIGHT PCB
TBN-XX-01-M ADAM-TECH-TBN-XX-01-M Datasheet
78Kb / 1P
   BARRIER STRIP PITCH STRAIGHT PCB
TBY-XX-01-B ADAM-TECH-TBY-XX-01-B Datasheet
79Kb / 1P
   BARRIER STRIP PITCH STRAIGHT PCB
logo
Molex Electronics Ltd.
38600-6603 MOLEX11-38600-6603 Datasheet
41Kb / 2P
   6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38600-6609 MOLEX11-38600-6609 Datasheet
41Kb / 2P
   6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38740-6109 MOLEX11-38740-6109 Datasheet
40Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com