Selected language     English  â–¼


I-7017 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. I-7017
Description  Hardware
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Model:I-7017
I-7017
8-channel Analog Input Module
Analog Input
Input Channels
8 differential or 6 differential and 2 single- ended by jumper select
Input Type
+/-150mV, +/-500mV , +/-1V, +/-5V, +/-10V
+/-20mA (requires optional external 125 ohm resistor)
Resolution
16-bit
Sampling Rate
10 Samples/ Second
Accuracy
+/-0.1%
BandWidth
15.7 Hz
Zero drift
+/-20uV/˘XC
Span drift
+/-25ppm/˘XC
Input Impedance
20M Ohms
Common Mode Rejection
86dB min
Normal Mode Rejection
100dB
Over voltage Protection
+/-35V(P-P)
Photo-Isolation
3750 Vrms
Intra-module Isolation, Field to
Logic
3000 VDC
Interface
Interface
RS-485
Format
N, 8, 1
Buad Rate
1200 ~ 115200bps
LED Display
1 LED as Power/ Communication indicator
Power
Input
+10 to +30VDC
Power Consumption
1.3W
Environment
Operating temperature
-25 to 75˘XC
Storage temperature
-40 to 85˘XC
Humidity
5 to 95%, non-condensing
I-7017
8-channel Analog Input Module
I-7017 CR
8-channel Analog Input Module (RoHS)




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPC8313EPowerQUICCâ„¢ II Pro Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8555EPowerQUICCâ„¢ III Integrated Communications Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC7448ECRISC Microprocessor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
LPC318016/32-bit ARM microcontroller; hardware floating-point coprocessor USB On-The-Go and SDRAM memory interface 1 2 3 4 5 MoreNXP Semiconductors
MPC8323EPowerQUICCâ„¢ II Pro Integrated Communications Processor Family Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
ASC7611HARDWARE MONITOR WITH INTEGRATED FAN CONTROL 1 2 3 4 5 MoreList of Unclassifed Manufacturers
EMC1422_081°C Temperature Sensor with Hardware Thermal Shutdown 1 2 3 4 5 MoreSMSC Corporation
747515-1KIT PLUG SHIELDING HARDWARE SIZE 1 9 POSN HDE-20 AMPLIMITE 1 List of Unclassifed Manufacturers
MAC7100Microcontroller Family Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
ASC7621HARDWARE MONITOR WITH INTEGRATED FAN CONTROL 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl