Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24B5M400A Datasheet(PDF) 5 Page - Vicor Corporation

Part # V24B5M400A
Description  375Vin / 48Vout / 600Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24B5M400A Datasheet(HTML) 5 Page - Vicor Corporation

  V24B5M400A Datasheet HTML 1Page - Vicor Corporation V24B5M400A Datasheet HTML 2Page - Vicor Corporation V24B5M400A Datasheet HTML 3Page - Vicor Corporation V24B5M400A Datasheet HTML 4Page - Vicor Corporation V24B5M400A Datasheet HTML 5Page - Vicor Corporation V24B5M400A Datasheet HTML 6Page - Vicor Corporation V24B5M400A Datasheet HTML 7Page - Vicor Corporation V24B5M400A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V375A48C600A DC-DC Converter
Rev. 5.2
Page 5 of 8
Set your site on VICOR at www.vicorpower.com
Output Voltage Programming
The output voltage of the converter can be adjusted or
programmed via fixed resistors, potentiometers or voltage
DACs. See Figures 7 and 8.
CONTROL FUNCTIONS - SC PIN
Figure 8—Output voltage trim up circuit.
Figure 7—Output voltage trim down circuit.
RD (ohms) =
1,000 Vout
Vnom - Vout
+Out
+S
SC
–S
–Out
RU
Trim Up
Load
Error
Amp
1k
1.23V
0.033
µF
Load
+Out
+S
SC
–S
–Out
RD
Trim Down
Error
Amp
1k
1.23V
0.033
µF
Trim Down
1. This converter is not a constant power device – it has a
constant current limit. Hence, available output power is
reduced by the same percentage that output voltage is
trimmed down. Do not exceed maximum rated output current.
2. The trim down resistor must be connected to the –Sense pin.
Trim Up
1. The converter is rated for a maximum delivered power. To ensure
that maximum rated power is not exceeded, reduce maximum
output current by the same percentage increase in output voltage.
2. The trim up resistor must be connected to the +Sense pin.
3. Do not trim the converter above maximum trim range
(typically +10%) or the output over voltage
protection circuitry may be activated.
RU (ohms) =
1,000 (Vout-1.23) Vnom
–1,000
1.23 (Vout-Vnom)
Trim resistor values calculated automatically:
On-line calculators for trim resistor values are available
on the vicor website at: vicorpower.com/tools.html.
Resistor values can be calculated for fixed trim up, fixed
trim down and for variable trim up or down cases for both
1st and 2nd Generation DC-DC converters.
In addition to trimming information, the web site and the
Applications Manual also include design tips, applications
circuits, EMC suggestions, thermal design guidelines and
PDF data sheets for all available Vicor products.


Similar Part No. - V24B5M400A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24B5M400A VICOR-V24B5M400A Datasheet
193Kb / 8P
   DC-DC Converter Module
More results

Similar Description - V24B5M400A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A48C600B VICOR-V375A48C600B Datasheet
150Kb / 8P
   375Vin / 48Vout / 600Watts DC-DC Converter Module
V375A12C600B VICOR-V375A12C600B Datasheet
150Kb / 8P
   375Vin / 12Vout / 600Watts DC-DC Converter Module
V375A15C600B VICOR-V375A15C600B Datasheet
152Kb / 8P
   375Vin / 15Vout / 600Watts DC-DC Converter Module
V375C48C150B VICOR-V375C48C150B Datasheet
142Kb / 8P
   375Vin / 48Vout / 150Watts DC-DC Converter Module
V375B48C300B VICOR-V375B48C300B Datasheet
145Kb / 8P
   375Vin / 48Vout / 300Watts DC-DC Converter Module
V375A24C600B VICOR-V375A24C600B Datasheet
150Kb / 8P
   375Vin / 24Vout / 600Watts DC-DC Converter Module
V375A54C600B VICOR-V375A54C600B Datasheet
152Kb / 8P
   375Vin / 54Vout / 600Watts DC-DC Converter Module
V375A28C600B VICOR-V375A28C600B Datasheet
150Kb / 8P
   375Vin / 28Vout / 600Watts DC-DC Converter Module
V24C48C100A VICOR-V24C48C100A Datasheet
180Kb / 8P
   24Vin / 48Vout / 100Watts DC-DC Converter Module
V48A48C500B VICOR-V48A48C500B Datasheet
150Kb / 8P
   48Vin / 48Vout / 500Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com