Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEN30FP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FEN30FP
Description  30A Super Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEN30FP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FEN30FP Datasheet HTML 1Page - List of Unclassifed Manufacturers FEN30FP Datasheet HTML 2Page - List of Unclassifed Manufacturers FEN30FP Datasheet HTML 3Page - List of Unclassifed Manufacturers FEN30FP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
30A Super Fast Recovery Rectifier
Rev. A/AH 2008-03-28
FEN30FP – FEN30JP
www.taitroncomponents.com
Page 4 of 4
Dimensions in mm
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN’ AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931
TO-3P


Similar Part No. - FEN30FP

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
FEN30FP TAITRON-FEN30FP Datasheet
316Kb / 4P
   30A Super Fast Recovery Rectifier
logo
Thinki Semiconductor Co...
FEN30FP THINKISEMI-FEN30FP Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
More results

Similar Description - FEN30FP

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
FEN30FP TAITRON-FEN30FP Datasheet
316Kb / 4P
   30A Super Fast Recovery Rectifier
FEN30AP TAITRON-FEN30AP Datasheet
140Kb / 4P
   30A Super Fast Recovery Rectifier
logo
Diodes Incorporated
SF301 DIODES-SF301 Datasheet
63Kb / 3P
   30A SUPER-FAST RECTIFIER
DS24007 Rev. D-3
logo
Shindengen Electric Mfg...
D30L60 SHINDENGEN-D30L60 Datasheet
412Kb / 6P
   Super Fast Recovery Rectifiers(600V 30A)
S30L60 SHINDENGEN-S30L60 Datasheet
380Kb / 6P
   Super Fast Recovery Rectifiers(600V 30A)
logo
CHENG-YI ELECTRONIC CO....
SSF161 CHENG-YI-SSF161 Datasheet
166Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
85HFL TEL-85HFL Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com