Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3940IMP-3.3 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3940IMP-3.3
Description  1A Low Dropout Regulator for 5V to 3.3V Conversion
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3940IMP-3.3 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3940IMP-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM3940IMP-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM3940
1A Low Dropout Regulator for 5V to 3.3V Conversion
General Description
The LM3940 is a 1A low dropout regulator designed to
provide 3.3V from a 5V supply.
The LM3940 is ideally suited for systems which contain both
5V and 3.3V logic, with prime power provided from a 5V bus.
Because the LM3940 is a true low dropout regulator, it can
hold its 3.3V output in regulation with input voltages as low
as 4.5V.
The T0-220 package of the LM3940 means that in most
applications the full 1A of load current can be delivered
without using an additional heatsink.
The surface mount TO-263 package uses minimum board
space, and gives excellent power dissipation capability when
soldered to a copper plane on the PC board.
Features
n
Output voltage specified over temperature
n
Excellent load regulation
n
Guaranteed 1A output current
n
Requires only one external component
n
Built-in protection against excess temperature
n
Short circuit protected
Applications
n
Laptop/Desktop Computers
n
Logic Systems
Typical Application
01208001
*Required if regulator is located more than 1" from the power supply filter capacitor or if battery power is used.
**See Application Hints.
Connection Diagram/Ordering Information
01208002
3-Lead TO-220 Package
(Front View)
Order Part Number LM3940IT-3.3
NSC Drawing Number TO3B
01208003
3-Lead TO-263 Package
(Front View)
Order Part Number LM3940IS-3.3
NSC Drawing Number TS3B
01208010
3-Lead SOT-223
(Front View)
Order Part Number LM3940IMP-3.3
Package Marked L52B
NSC Drawing Number MP04A
January 2003
© 2003 National Semiconductor Corporation
DS012080
www.national.com


Similar Part No. - LM3940IMP-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3940IMP-3.3 NSC-LM3940IMP-3.3 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Texas Instruments
LM3940IMP-3.3 TI1-LM3940IMP-3.3 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940IMP-3.3/NOPB TI1-LM3940IMP-3.3/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
More results

Similar Description - LM3940IMP-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Texas Instruments
LM3940IT-33 TI1-LM3940IT-33 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
   3.3V 1A Low Dropout Regulator
logo
Silicon Standard Corp.
SS8027G SSC-SS8027G Datasheet
299Kb / 10P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
logo
Global Mixed-mode Techn...
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com