Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82547EI Datasheet(PDF) 9 Page - Intel Corporation

Part # 82547EI
Description  Dual Footprint
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82547EI Datasheet(HTML) 9 Page - Intel Corporation

Back Button 82547EI Datasheet HTML 5Page - Intel Corporation 82547EI Datasheet HTML 6Page - Intel Corporation 82547EI Datasheet HTML 7Page - Intel Corporation 82547EI Datasheet HTML 8Page - Intel Corporation 82547EI Datasheet HTML 9Page - Intel Corporation 82547EI Datasheet HTML 10Page - Intel Corporation 82547EI Datasheet HTML 11Page - Intel Corporation 82547EI Datasheet HTML 12Page - Intel Corporation 82547EI Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
82562EZ(EX)/82547GI(EI) Dual Footprint Design Guide
1
1.0
Introduction
Intel currently supports several footprint compatible Ethernet options depending upon the target
application. The term “footprint compatible” means that the silicon devices are all manufactured in
a 15 mm x 15 mm, 196-ball grid array package with the same ball pattern. Many of the critical
signal pin locations are identical, allowing designers to create a single LAN on Motherboard
(LOM) design that accommodates all devices. This is a flexible, cost-effective, multipurpose
design technique that allowing maximized value while matching performance needs.
Note:
Since some of the signal pins have different usages, the term “pin-compatible” is not applicable.
Available LAN components with the same footprint include the 82547GI(EI) Gigabit Ethernet
Controller and the 82562EZ(EX) Platform LAN Connect components.
The LAN component used on a specific platform depends on the end user’s need for connection
speed and manageability. As the requirements change, footprint compatibility makes it possible to
re-focus the platform without the need to redesign a new a motherboard.
1.1
Scope
This application note contains Ethernet design guidelines applicable to LOM designs based on the
Intel
® 865 Chipset and Intel® 875 Chipset. The document identifies similarities and differences
between the 82562EZ(EX) Platform LAN Connect device and the 82547GI(EI) Gigabit Ethernet
Controller.
Section 2 describes the port interfaces specific to each device.
Section 3 explains what you need to know to hook up an Ethernet device to the system.
Section 4 describes board layout techniques applicable to these devices.
Section 5 provides a reference to the design and layout checklists.
Table 1.
LAN Component Connections/Features
LAN Component
Interface
Connection
Features
Intel® 82547GI(EI)
CSA
Gigabit Ethernet (1000BASE-T)
with Alert Standard Format
(ASF) alerting
Gigabit Ethernet, ASF 2.0
alerting
Intel® 82562EX (196 BGA)
LCI
10/100 Ethernet with ASF
alerting
Ethernet 10/100
connection, ASF 1.0
alerting
Intel® 82562EZ (196 BGA)
LCI
Basic 10/100 Ethernet
Ethernet 10/100
connection


Similar Part No. - 82547EI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
   PROGRAMMABLE INTERVAL TIMER
82540EM INTEL-82540EM Datasheet
304Kb / 44P
   82540EM Gigabit Ethernet Controller
82540EP INTEL-82540EP Datasheet
350Kb / 46P
   82540EP Gigabit Ethernet Controller
82541 INTEL-82541 Datasheet
711Kb / 46P
   Family of Gigabit Ethernet Controllers
logo
Wurth Elektronik GmbH &...
82541110 WURTH-82541110 Datasheet
165Kb / 5P
   HIGH SURGE 1206 SMD VARISTOR
More results

Similar Description - 82547EI

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DXXX-SL-25 ADAM-TECH-DXXX-SL-25 Datasheet
113Kb / 1P
   FOOTPRINT D-SUB SOCKET FOOTPRINT
logo
CUI INC
SJ2-3585X-SMT CUI-SJ2-3585X-SMT Datasheet
576Kb / 4P
   narrow footprint
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
   Small footprint
logo
CUI INC
SJ2-3581X-SMT CUI-SJ2-3581X-SMT Datasheet
557Kb / 4P
   narrow footprint
logo
Delta Electronics, Inc.
H48SA DELTA-H48SA Datasheet
569Kb / 13P
   Standard footprint
E48SC12008 DELTA-E48SC12008 Datasheet
930Kb / 17P
   Standard footprint
logo
CUI INC
SJ2-357X-SMT CUI-SJ2-357X-SMT Datasheet
578Kb / 4P
   narrow footprint
logo
Delta Electronics, Inc.
Q48SQ DELTA-Q48SQ Datasheet
729Kb / 13P
   Standard footprint
E48SC3R315 DELTA-E48SC3R315 Datasheet
538Kb / 15P
   Standard footprint
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-2021 AVAGO-ACFM-2021 Datasheet
244Kb / 3P
   PCB footprint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com