Selected language     English  ▼


FTP-628MCL053 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part No. FTP-628MCL053
Description  2” HIGH SPEED THERMAL PRINTER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 4 page
background image
4
FTP-628MCL053/054
s DIMENSIONS
1. Printer mechanism
Unit: mm
Note: 1. Dimensions are nominal value (tolerance
±5 unless otherwise specified).
2. Platen unit (lever, platen, etc) moves by approximately 0.7mm toward paper insertion direction when platen is
open.
FTP-628MCL054
FTP-628MCL053
2. Interface board
Unit: mm




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
FTP-627MCL40124V driveN high speed thermal printer 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-627MCL401_07122” high speed thermal p rinter 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-631MCL10124V DRIVE ULTRA HIGH SPEED LINE THERMAL PRINTER 3” MECHANISM 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-628MCL401Battery Driven FTP-608 Series 2” high speed thermal p rinter 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-637MCL103HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-637MCL40124V driven High speed thermal printer 1 2 3 4 5 MoreFujitsu Component Limited.
SE2004-DC70AHigh speed thermal printhead with thermal historical control 1 2 3 4 Rohm
MP4211_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
SE3002-DC70AHigh speed thermal printhead with thermal historical control 1 2 3 4 Rohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl