Selected language     English  ▼


FTP-628MCL053 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part No. FTP-628MCL053
Description  2” HIGH SPEED THERMAL PRINTER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 6 page
background image
6
FTP-628MCL053/054
s FUNCTION OF INTERFACE BOARD
m
e
t
Im
e
t
I
.
1n
o
i
t
c
n
u
f
t
n
i
r
p
t
s
e
T.
8n
o
i
t
c
n
u
f
g
n
i
v
a
s
r
e
w
o
p
r
o
t
o
M
.
2n
o
i
t
c
e
t
e
d
t
u
o
r
e
p
a
P.
9n
o
i
t
c
n
u
f
n
o
i
t
c
e
t
e
d
k
r
a
M
.
3n
o
i
t
c
e
t
e
d
d
n
e
r
a
e
n
r
e
p
a
P.
0
1n
o
i
t
c
e
t
e
d
y
t
il
a
m
r
o
n
b
a
n
o
i
t
a
r
e
p
o
U
C
M
.
4n
o
i
t
c
e
t
e
d
n
e
p
o
n
e
t
a
l
P.
1
1n
o
i
t
c
e
t
o
r
p
e
c
n
e
u
q
e
s
F
F
O
/
N
O
r
e
w
o
P
.
5n
o
i
t
c
e
t
e
d
y
t
il
a
m
r
o
n
b
a
e
r
u
t
a
r
e
p
m
e
t
d
a
e
h
l
a
m
r
e
h
T.
2
1n
o
i
t
c
e
t
o
r
p
t
n
e
r
r
u
c
-
r
e
v
o
r
o
t
o
M
.
6n
o
i
t
c
e
t
e
d
e
s
u
f
t
u
o
-
w
o
l
B.
3
1r
e
m
i
t
e
r
a
w
d
r
a
H
.
7n
o
i
t
c
e
t
e
d
y
t
il
a
m
r
o
n
b
a
e
g
a
t
l
o
v
d
a
e
H
Platen unit
Thermal head
Motor
Sensor (Photo-
interruptor)
30,29, .....................2,1
Connector No
(FPC pin numbers)
FPC
Connect terminal:
surface side
© 2004 Fujitsu Components America, Inc. All company and product names are trademarks or registered
trademarks of their respective owners. Rev. 11/15/2004.
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: marcom@fcai.fujitsu.com
Web: www.fcai.fujitsu.com
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: www.fceu.fujitsu.com
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#04-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
www.fcal.fujitsu.com
Fujitsu Components
International
Headquarter
Offices




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
FTP-627MCL40124V driveN high speed thermal printer 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-627MCL401_07122” high speed thermal p rinter 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-631MCL10124V DRIVE ULTRA HIGH SPEED LINE THERMAL PRINTER 3” MECHANISM 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-628MCL401Battery Driven FTP-608 Series 2” high speed thermal p rinter 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-637MCL103HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-637MCL40124V driven High speed thermal printer 1 2 3 4 5 MoreFujitsu Component Limited.
SE2004-DC70AHigh speed thermal printhead with thermal historical control 1 2 3 4 Rohm
MP4211_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
SE3002-DC70AHigh speed thermal printhead with thermal historical control 1 2 3 4 Rohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl