Selected language     English  ▼


FTP-628MCL053 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part No. FTP-628MCL053
Description  2” HIGH SPEED THERMAL PRINTER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 1 page
background image
1
FTP-628MCL053/054
s OVERVIEW
The FTP-628 MCL Series are battery driven high-speed
ultracompact printers with a 2-inch paper width equivalent.
Paper can be easily set using our unique platen release
mechanism.
The FTP-628 MCL Series can be used for a variety of
applications, such as portable terminals, POS, ticket issuing
terminals, label printers, banking terminals, and measurement
and medical equipment.
s HIGHLIGHTS
• Ultra compact
Height 15.5 mm, width 69.6 mm, depth 34.3 mm
• High speed printing
It can print at 60 mm/s (480 dotlines/s) maximum by using
Fujitsu's unique head drive control.
• High resolution printing / Kanji supported
8 dots/mm of resolution printing is possible.
• Easy paper setting
Our unique platen release mechanism allows a
wide paper route even if the printer is ultra-compact, so
paper can be easily inserted. Conventional auto loading is
also available.
• Two types of paper routes
Front or bottom feed, depending on the paper route.
• Easy mounting
Wiring for the head, motor, sensor are housed within one
flexible cable (053, 054) or in two cables (051, 052). The
mechanism can be secured by one hook and two screws at
two locations, making mounting easy.
BATTERY DRIVEN, FTP-608 Series
2” HIGH SPEED THERMAL PRINTER




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
FTP-627MCL40124V driveN high speed thermal printer 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-627MCL401_07122” high speed thermal p rinter 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-631MCL10124V DRIVE ULTRA HIGH SPEED LINE THERMAL PRINTER 3” MECHANISM 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-628MCL401Battery Driven FTP-608 Series 2” high speed thermal p rinter 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-637MCL103HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-637MCL40124V driven High speed thermal printer 1 2 3 4 5 MoreFujitsu Component Limited.
SE2004-DC70AHigh speed thermal printhead with thermal historical control 1 2 3 4 Rohm
MP4211_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
SE3002-DC70AHigh speed thermal printhead with thermal historical control 1 2 3 4 Rohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl