Selected language     English  ▼


FTP-628MCL053 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. FTP-628MCL053
Description  2” HIGH SPEED THERMAL PRINTER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 3 page
background image
3
FTP-628MCL053/054
s SPECIFICATIONS
m
e
t
In
o
i
t
a
c
i
f
i
c
e
p
S
e
c
a
f
r
e
t
n
I
s
c
i
n
o
r
t
n
e
C
/
C
2
3
2
S
R
o
t
s
m
r
o
f
n
o
C
r
e
w
o
P
y
l
p
p
u
s
d
a
e
h
t
n
i
r
p
r
o
F
e
u
l
a
v
k
a
e
p
A
)
3
9
.
0
(
7
8
.
0
,
t
n
e
r
r
u
c
e
g
a
r
e
v
a
C
D
V
5
.
8
-
2
.
4
)
V
2
.
7
t
a
.
c
e
s
/
m
m
0
5
:
d
e
e
p
s
t
n
i
r
p
,
%
5
.
2
1
:
o
i
t
a
r
t
n
i
r
p
(
r
o
t
o
m
r
o
F
m
u
m
i
x
a
m
A
1
,
C
D
V
5
.
8
-
2
.
4
g
n
i
d
a
o
l
r
e
p
a
p
c
i
t
a
m
o
t
u
a
r
o
f
d
e
d
n
e
m
m
o
c
e
r
s
i
V
5
.
8
o
t
8
.
5
:
e
t
o
N
c
i
g
o
l
r
o
Fm
u
m
i
x
a
m
A
1
.
0
,
%
5
±
C
D
V
5
s
n
o
i
s
n
e
m
i
D
m
s
i
n
a
h
c
e
m
r
e
t
n
i
r
P)
H
x
D
x
W
(
m
m
5
.
5
1
x
3
.
4
3
x
3
.
2
7
d
r
a
o
b
e
c
a
f
r
e
t
n
Im
m
5
1
x
2
5
x
3
.
9
6
t
h
g
i
e
W
m
s
i
n
a
h
c
e
m
r
e
t
n
i
r
P)
b
o
n
k
t
u
o
h
t
i
w
(
g
7
4
y
l
e
t
a
m
i
x
o
r
p
p
A
d
r
a
o
b
e
c
a
f
r
e
t
n
Ig
0
2
y
l
e
t
a
m
i
x
o
r
p
p
A
e
f
il
d
a
e
H
d
r
a
d
n
a
t
s
r
u
o
r
e
d
n
u
(
t
o
d
/
s
e
s
l
u
p
n
o
il
li
m
0
0
1
:
e
c
n
a
t
s
i
s
e
r
e
s
l
u
P
)
s
n
o
i
t
i
d
n
o
c
:
o
i
t
a
r
t
n
i
r
p
(
m
k
0
5
e
c
n
a
t
s
i
d
g
n
il
e
v
a
r
t
r
e
p
a
p
:
e
c
n
a
t
s
i
s
e
r
n
o
i
s
a
r
b
A
)
s
s
e
l
r
o
%
5
2
g
n
i
t
a
r
e
p
O
t
n
e
m
n
o
r
i
v
n
e
*
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
OC
˚
0
5
+
o
t
C
˚
0
y
t
i
d
i
m
u
h
g
n
i
t
a
r
e
p
O)
n
o
i
t
a
s
n
e
d
n
o
c
o
n
(
H
R
%
5
8
o
t
0
2
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S)
d
e
d
u
l
c
n
i
t
o
n
r
e
p
a
p
(
C
˚
0
6
+
o
t
C
˚
0
2
-
y
t
i
d
i
m
u
h
e
g
a
r
o
t
S)
n
o
i
t
a
s
n
e
d
n
o
c
o
n
(
H
R
%
5
9
o
t
5
n
o
i
t
c
e
t
e
D
n
o
i
t
c
n
u
f
e
r
u
t
a
r
e
p
m
e
t
d
a
e
H
n
o
i
t
c
e
t
e
d
r
o
t
s
i
m
r
e
h
t
y
b
d
e
t
c
e
t
e
D
n
o
i
t
c
e
t
e
d
k
r
a
m
/
t
u
o
r
e
p
a
Pr
e
t
p
u
r
r
e
t
n
i
-
o
t
o
h
p
y
b
d
e
t
c
e
t
e
D
n
o
i
t
c
e
t
e
d
p
u
d
a
e
Hh
c
t
i
w
s
-
o
r
c
i
m
y
b
d
e
t
c
e
t
e
D
r
e
p
a
p
e
v
i
t
i
s
n
e
s
l
a
m
r
e
h
t
d
e
d
n
e
m
m
o
c
e
R
r
e
p
a
P
e
v
i
t
i
s
n
e
S
h
g
i
H)
r
e
p
a
P
n
o
p
p
i
N
(
4
E
-
S
K
0
5
F
T
:
r
e
p
a
p
d
r
a
d
n
a
t
S)
r
e
p
a
P
n
o
p
p
i
N
(
E
-
S
K
0
6
F
T
)
m
m
8
5
(
1
0
0
U
P
0
2
0
-
P
T
F
)
r
e
p
a
P
ij
O
(
R
5
0
1
D
P
)
m
m
8
5
(
1
0
7
0
P
0
2
0
-
P
T
F
r
e
p
a
P
e
f
i
L
m
u
i
d
e
M1
F
-
S
K
0
6
F
T
)
m
m
8
5
(
2
0
1
0
P
0
2
0
-
P
T
F
)
r
e
p
a
P
ij
O
(
R
0
7
1
D
P
i
h
s
i
b
u
s
t
i
M
1
-
B
B
V
0
2
2
P
)
r
e
p
a
P
r
e
p
a
P
e
f
i
L
g
n
o
L)
r
e
p
a
P
ij
O
(
N
-
R
0
6
1
D
P
*+5˚C to +40˚C printing density assurance rance (-25 to 70˚C capability)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
FTP-627MCL40124V driveN high speed thermal printer 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-627MCL401_07122” high speed thermal p rinter 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-631MCL10124V DRIVE ULTRA HIGH SPEED LINE THERMAL PRINTER 3” MECHANISM 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-628MCL401Battery Driven FTP-608 Series 2” high speed thermal p rinter 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-637MCL103HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM 1 2 3 4 5 MoreFujitsu Component Limited.
FTP-637MCL40124V driven High speed thermal printer 1 2 3 4 5 MoreFujitsu Component Limited.
SE2004-DC70AHigh speed thermal printhead with thermal historical control 1 2 3 4 Rohm
MP4211_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
SE3002-DC70AHigh speed thermal printhead with thermal historical control 1 2 3 4 Rohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl