Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET2511PARGTT Datasheet(PDF) 4 Page - Texas Instruments

Part # ONET2511PARGTT
Description  155-mbps to 2.5-gbps Limiting amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET2511PARGTT Datasheet(HTML) 4 Page - Texas Instruments

  ONET2511PARGTT Datasheet HTML 1Page - Texas Instruments ONET2511PARGTT Datasheet HTML 2Page - Texas Instruments ONET2511PARGTT Datasheet HTML 3Page - Texas Instruments ONET2511PARGTT Datasheet HTML 4Page - Texas Instruments ONET2511PARGTT Datasheet HTML 5Page - Texas Instruments ONET2511PARGTT Datasheet HTML 6Page - Texas Instruments ONET2511PARGTT Datasheet HTML 7Page - Texas Instruments ONET2511PARGTT Datasheet HTML 8Page - Texas Instruments ONET2511PARGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ONET2511PA
155Mbps TO 2.5Gbps LIMITING AMPLIFIER
SLLS604C − MARCH 2004 − REVISED OCTOBER 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings
over operating free-air temperature range unless otherwise noted
VALUE
UNIT
VCC, VCCO
Supply voltage, See Note 1
–0.3 to 4
V
VDIN+, VDIN−
Voltage at DIN+, DIN–, See Note 1
0.5 to 4
V
VDISABLE,VOUTPOL,VDOUT+,VDOUT−,
VCOC1, VCOC2
Voltage at TH, DISABLE, OUTPOL, DOUT+, DOUT–, COC1, and
COC2, See Note 1
–0.3 to 4
V
VCOC_DIFF
Differential voltage between COC1 and COC2
±1
V
VDIN_DIFF
Differential voltage between DIN+ and DIN–
±2.5
V
IDIN+, IDIN−, IDOUT+, IDOUT–
Continuous current at inputs and outputs
–25 to 25
mA
ESD
ESD rating at all pins except VCCO
3
kV (HBM)
ESD
ESD rating at VCCO
1.1
kV (HBM)
TJ(max)
Maximum junction temperature
125
°C
Tstg
Storage temperature range
−65 to 85
°C
TA
Characterized free-air operating temperature range
−40 to 85
°C
TL
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to network ground terminal.
recommended operating conditions
MIN
TYP
MAX
UNIT
Supply voltage, VCC, VCCO
3
3.3
3.6
V
Operating free-air temperature, TA
−40
85
°C
dc electrical characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC,VCCO Supply voltage
3
3.3
3.6
V
IVCC
Supply current
DISABLE = low (excludes CML output current)
22
28
mA
VOD
Differential data output voltage swing
DISABLE = high
0.25
10
mVp−p
VOD
Differential data output voltage swing
DISABLE = low
600
780
1200
mVp−p
RIN, ROUT Data input/output resistance
Single ended
50
VIN,MIN
Data input sensitivity
BER < 10–10
3
5
mVp−p
VIN,MAX
Data input overload
1800
mVp−p
CMOS input high voltage
2.1
V
CMOS input low voltage
0.6
V


Similar Part No. - ONET2511PARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET2511TAY TI1-ONET2511TAY Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
More results

Similar Description - ONET2511PARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2501PA TI-ONET2501PA Datasheet
187Kb / 8P
[Old version datasheet]   155-Mbps TO 2.5-Gbps LIMITING AMPLIFIER
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
ONET2501PARGTT TI-ONET2501PARGTT Datasheet
859Kb / 16P
[Old version datasheet]   155--Mbps To 2.5Gbps LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
   PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Texas Instruments
ONET4201PA TI-ONET4201PA Datasheet
867Kb / 17P
[Old version datasheet]   155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET3301PARGTRG4 TI-ONET3301PARGTRG4 Datasheet
924Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMTING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
   PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
M/A-COM Technology Solu...
M02050 MA-COM-M02050 Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com