Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFULB455KF4A-B0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CFULB455KF4A-B0
Description  Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CFULB455KF4A-B0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CFULB455KF4A-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CFULB455KF4A-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CFULB455KF4A-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CFULB455KF4A-B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CFULB455KF4A-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CFULB455KF4A-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CFULB455KF4A-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CFULB455KF4A-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CFULB455KF4A-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
32
10
!Note • Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering.
s Frequency Characteristics
CFULA455KE4A-B0
100
40
30
20
10
0
0
50
100
150
200
430
455
480
Frequency (kHz)
90
80
70
60
50
CFULA455KE4A-B0
100
40
30
20
10
0
200
Frequency (kHz)
90
80
70
60
50
300
400
500
600
700
800
900
1000
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specification or to transact the approval sheet for product specificaion before ordering.
!Note
P05E11.pdf 02.9.2


Similar Part No. - CFULB455KF4A-B0

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFULB455KF4A-B0 GOLLEDGE-CFULB455KF4A-B0 Datasheet
53Kb / 1P
   Ceramic Filter
logo
Murata Manufacturing Co...
CFULB455KF4A-B0 MURATA1-CFULB455KF4A-B0 Datasheet
337Kb / 3P
   Filters
04/11/2024
CFULB455KF4A-B0 MURATA1-CFULB455KF4A-B0_V01 Datasheet
337Kb / 3P
   Filters
04/11/2024
More results

Similar Description - CFULB455KF4A-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CDBKB455KCAY09-R0 MURATA-CDBKB455KCAY09-R0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
CFUKG455KE4A-R0 MURATA-CFUKG455KE4A-R0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
logo
Murata Manufacturing Co...
SFE10.7 MURATA1-SFE10.7 Datasheet
1Mb / 77P
   (Filters/Traps/Discriminators) for Audio/Visual Equipment
CDB455C30 MURATA1-CDB455C30 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
CDBKB455KCLX36-R0 MURATA1-CDBKB455KCLX36-R0_V01 Datasheet
265Kb / 3P
   Ceramic Discriminators
10/18/2022
logo
Token Electronics Indus...
JTM455C24P TOKEN-JTM455C24P Datasheet
275Kb / 2P
   JTM Ceramic Discriminators
logo
TOKO, Inc
CDA455C7 TOKO-CDA455C7 Datasheet
160Kb / 1P
   AM Ceramic Discriminators
logo
Token Electronics Indus...
JT10.7MG3AP TOKEN-JT10.7MG3AP Datasheet
324Kb / 4P
   JT10.7M Ceramic Discriminators for FM
JTCV10.7MG3TR TOKEN-JTCV10.7MG3TR Datasheet
324Kb / 4P
   JTCV10.7M Chip Ceramic Discriminators
logo
TOKO, Inc
ECDA455C16 TOKO-ECDA455C16 Datasheet
186Kb / 1P
   AM Ceramic Discriminators for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com