Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASV18XXLY Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASV18XXLY
Description  HCMOS/TTL COMPATIBLE VOLTAGE CONTROL CRYSTAL OSCILLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASV18XXLY Datasheet(HTML) 1 Page - Abracon Corporation

  ASV18XXLY Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions: inch (mm)
MARKING:
- XX.X RS (see note)
- ASV ZYW (see note)
PIN
FUNCTION
1
2
3
4
Tri-state
GND/Case
Output
Vdd
Frequency Range:
Operating Temperature:
Storage Temperature:
Overall Frequency Stability:
Supply Voltage (Vdd):
Input Current:
Symmetry:
Rise And Fall Time (Tr/tf):
Output Load:
Output Voltage:
Start-up Time:
Tristate Function :
Aging At 25°c/year :
Period Jitter One Sigma :
Disable Current:
1.000 MHz to 150 MHz
-10° C to + 70° C (see options)
- 55° C to + 125° C
± 100 ppm max. (see options)
3.3 Vdc ± 10% (see options)
See Table 1
40/60 % max.@ 1/2Vdd (see options)
See Table 1
15 pF (5TTL)
VOH = 0.9 * Vdd min.
VOL = 0.4 Vdc max.
10ms max.
"1" (VIH >= 2.2 Vdc) or open: Oscillation
"0" (VIL < 0.8 Vdc) : Hi Z
± 5ppm max.
± 25ps max.
15µA max.
NOTE:
XX.X First 3 digits of freq.
ex: 66.6 or 100
R Freq. Stability option (*)
S Duty cycle option (*)
L Temperature option (*)
Z month A to L
Y year 6 for 2006
W traceability code (A to Z)
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
HCMOS/TTL COMPATIBLE VOLTAGE
HCMOS/TTL COMPATIBLE VOLTAGE
CONTROL CRYSTAL OSCILLATOR
CONTROL CRYSTAL OSCILLATOR
HCMOS/TTL COMPATIBLE VOLTAGE
CONTROL CRYSTAL OSCILLATOR
|||||||||||||||
ASV/ASV1 SERIES
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
OUTLINE DRAWING:
Temperature options:
I for 0°C to +50°C
D for -10°C to +60°C
E for -20°C to +70°C
F for -30°C to +70°C
N for -30°C to +85°C
L for -40°C to +85°C
Freq Stability options:
Y for ± 10 ppm max.
J for ± 20 ppm max.
R for ± 25 ppm max.
K for ± 30 ppm max.
H for ± 35 ppm max.
C for ± 50 ppm max.
ASV - Voltage - Frequency - Temp. - Overall Frequency Stability - Duty cycle - Packaging
Symmetry option:
S for 45/55% at 1/2Vdd
S1 for 45/55% at 1.4Vdc
Packaging option:
T for Tape and Reel (1,000pcs/reel)
T5 for Tape and Reel (500pcs/reel)
Voltage options:
25 for 2.5V
18 for 1.8V
Alternate Marking:
Marking scheme subject to
change without notice.
Contact factory for Alternate
Marking Specifications.
Freq. (MHz)
1.0 ~ 34.99
35.0 ~ 60.0
60.01~99.99
100 ~ 150
Tr/Tf max. (nSec)
10ns
5ns
5ns
2.5ns
Idd max. (mA)
16
25
40
50
Table 1
*RoHS COMPLIANT
APPLICATIONS:
• Provide clock signals for microprocessors,
PC mainboards, Graphic cards.
• High output drive capability applications.
FEATURES:
• Leadless chip carrier (LCC), Low profile.
• HCMOS/TTL Compatible, 3.3Vdc, 2.5Vdc, & 1.8Vdc operation.
• Seam welding, Reflow capable.
• Seam welding, 1.4 max. height (ASV1)
PARAMETERS
7.0 x 5.08 x 1.8mm


Similar Part No. - ASV18XXLY

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV1 ABRACON-ASV1 Datasheet
893Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
   3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
More results

Similar Description - ASV18XXLY

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVV ABRACON-ASVV Datasheet
1Mb / 2P
   HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
5.01.07
ASVV ABRACON-ASVV_08 Datasheet
165Kb / 2P
   HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
Revised K: 03.11.08
ASLV ABRACON-ASLV_08 Datasheet
167Kb / 2P
   5.0Vdc HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
02.25.08
logo
List of Unclassifed Man...
HO-12 ETC1-HO-12 Datasheet
302Kb / 1P
   HCMOS/TTL CRYSTAL OSCILLATOR
logo
Abracon Corporation
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
   2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASLV ABRACON-ASLV Datasheet
264Kb / 1P
   5.0Vdc HCMOS/TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
   3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASFL2 ABRACON-ASFL2_08 Datasheet
188Kb / 2P
   2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.07.08
AP5S ABRACON-AP5S Datasheet
157Kb / 2P
   HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
   HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com