Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG1117FA Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REG1117FA
Description  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG1117FA Datasheet(HTML) 3 Page - Burr-Brown (TI)

  REG1117FA Datasheet HTML 1Page - Burr-Brown (TI) REG1117FA Datasheet HTML 2Page - Burr-Brown (TI) REG1117FA Datasheet HTML 3Page - Burr-Brown (TI) REG1117FA Datasheet HTML 4Page - Burr-Brown (TI) REG1117FA Datasheet HTML 5Page - Burr-Brown (TI) REG1117FA Datasheet HTML 6Page - Burr-Brown (TI) REG1117FA Datasheet HTML 7Page - Burr-Brown (TI) REG1117FA Datasheet HTML 8Page - Burr-Brown (TI) REG1117FA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
REG1117
REG1117A
SBVS001D − OCTOBER 1992 − REVISED JULY 2004
www.ti.com
3
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
VO/IO
PACKAGE-LEAD
PACKAGE
DESIGNATOR
OPERATING
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA,
QUANTITY
−40
°C to
REG1117-2.85
Rails, 80
REG1117-2.85
2.85/800mA
SOT223-3
DCY
−40
°C to
+125
°C
BB11172
REG1117-2.85
Tape and Reel,
2500
−40
°C to
REG1117-3.3
Rails, 80
REG1117-3.3
3.3/800mA
SOT223-3
DCY
−40
°C to
+125
°C
BB11174
REG1117-3.3
Tape and Reel,
2500
REG1117F-3.3
3.3/800mA
DDPAK-3
KTT
−40
°C to
BB1117F4
REG1117F-3.3KTTT
Tape and Reel,
50
REG1117F-3.3
3.3/800mA
DDPAK-3
KTT
−40 C to
+125
°C
BB1117F4
REG1117F-3.3/500
Tape and Reel,
500
−40
°C to
REG1117-5
Rails, 80
REG1117-5
5V/800mA
SOT223-3
DCY
−40
°C to
+125
°C
BB11175
REG1117-5
Tape and Reel,
2500
−40
°C to
REG1117
Rails, 80
REG1117
Adj./800mA
SOT223-3
DCY
−40
°C to
+125
°C
BB1117
REG1117
Tape and Reel,
2500
−40
°C to
REG1117A-1.8
Rails, 80
REG1117A-1.8
1.8V/1A
SOT223-3
DCY
−40
°C to
+125
°C
R111718
REG1117A-1.8
Tape and Reel,
2500
REG1117FA-1.8
1.8/1A
DDPAK-3
KTT
−40
°C to
REG1117FA1.8
REG1117FA-1.8KTTT
Tape and Reel,
50
REG1117FA-1.8
1.8/1A
DDPAK-3
KTT
−40 C to
+125
°C
REG1117FA1.8
REG1117FA-1.8/500
Tape and Reel,
500
−40
°C to
REG1117A-2.5
Rails, 80
REG1117A-2.5
2.5/1A
SOT223-3
DCY
−40
°C to
+125
°C
R111725
REG1117A-2.5
Tape and Reel,
2500
REG1117FA-2.5
2.5/1A
DDPAK-3
KTT
−40
°C to
REG1117FA2.5
REG1117FA-2.5KTTT
Tape and Reel,
50
REG1117FA-2.5
2.5/1A
DDPAK-3
KTT
−40 C to
+125
°C
REG1117FA2.5
REG1117FA-2.5/500
Tape and Reel,
500
REG1117FA-5
5/1A
DDPAK-3
KTT
−40
°C to
BB1117FA5.0
REG1117FA-5/KTTT
Tape and Reel,
50
REG1117FA-5
5/1A
DDPAK-3
KTT
−40 C to
+125
°C
BB1117FA5.0
REG1117FA-5/500
Tape and Reel,
500
−40
°C to
REG1117A
Rails, 80
REG1117A
Adj./1A
SOT223-3
DCY
−40
°C to
+125
°C
BB1117A
REG1117A
Tape and Reel,
2500
REG1117FA
Adj./1A
DDPAK-3
KTT
−40
°C to
REG1117FA
REG1117FA/KTTT
Tape and Reel,
50
REG1117FA
Adj./1A
DDPAK-3
KTT
−40 C to
+125
°C
REG1117FA
REG1117FA/500
Tape and Reel,
500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.


Similar Part No. - REG1117FA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117FA BURR-BROWN-REG1117FA Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117FA BURR-BROWN-REG1117FA Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117FA TI1-REG1117FA Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117FA-1.8 BURR-BROWN-REG1117FA-1.8 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117FA-1.8 BURR-BROWN-REG1117FA-1.8 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117FA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A TI1-REG1117A Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com