Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG1117FA Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REG1117FA
Description  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG1117FA Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button REG1117FA Datasheet HTML 4Page - Burr-Brown (TI) REG1117FA Datasheet HTML 5Page - Burr-Brown (TI) REG1117FA Datasheet HTML 6Page - Burr-Brown (TI) REG1117FA Datasheet HTML 7Page - Burr-Brown (TI) REG1117FA Datasheet HTML 8Page - Burr-Brown (TI) REG1117FA Datasheet HTML 9Page - Burr-Brown (TI) REG1117FA Datasheet HTML 10Page - Burr-Brown (TI) REG1117FA Datasheet HTML 11Page - Burr-Brown (TI) REG1117FA Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
REG1117
REG1117A
SBVS001D − OCTOBER 1992 − REVISED JULY 2004
www.ti.com
8
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, all models, unless otherwise noted.
LOAD TRANSIENT RESPONSE
0.1
0
−0.1
0.5
0
−0.5
0
2040
6080
100
Time (
µs)
C
IN =10µF
COUT =10µF
Tantalum
V
IN =4.25V
Preload = 0.1A
LINE TRANSIENT RESPONSE
60
40
20
0
−20
−40
5.25
4.25
3.25
0
20
40
60
80
100 120 140 160 180 200
Time (
µs)
C
IN =1µF
C
OUT =10µFTantalum
I
OUT =0.1A
APPLICATIONS INFORMATION
Figure 1 shows the basic hookup diagram for fixed-voltage
models. All models require an output capacitor for proper
operation,
and
for
improving
high-frequency
load
regulation; a 10
µF tantalum capacitor is recommended.
Aluminum electrolytic types of 50
µF or greater can also be
used. A high-quality capacitor should be used to assure
that the ESR (Effective Series Resistance) is less than
0.5
Ω.
REG1117
V
O
V
IN
10
µF
Tantalum
10
µF
Tantalum
++
Figure 1. Fixed-Voltage Model—Basic
Connections
Figure 2 shows a hookup diagram for the adjustable
voltage model. Resistor values are shown for some
commonly-used output voltages. Values for other voltages
can be calculated from the equation shown in Figure 2. For
best load regulation, connect R1 close to the output pin and
R2 close to the ground side of the load as shown.
THERMAL CONSIDERATIONS
The REG1117 has current limit and thermal shutdown
circuits that protect it from overload. The thermal shutdown
activates at approximately TJ = 165°C. For continuous
operation, however, the junction temperature should not
be allowed to exceed 125
°C. Any tendency to activate the
thermal shutdown in normal use is an indication of an
inadequate heat sink or excessive power dissipation. The
power dissipation is equal to:
PD = (VIN – VOUT) IOUT
The junction temperature can be calculated by:
TJ = TA + PD (
qJA)
where TA is the ambient temperature, and qJA is the
junction-to-ambient thermal resistance.
REG1117
(Adj)
V
IN
V
O
C
2
10
µF
C
1
10
µF
C
3
(1)
10
µF
+
+
+
R
1
R
2
Load
32
1
NOTES: (1) C
3 optional. Improves high−frequency line rejection. (2) Resistors are standard 1% values.
V
O =
x (1.25V) + (50
µA) (R
2)
R
1
R
1 +R2
This term is negligible with
proper choice of values
−see
table at right.
V
OUT
R
1
R
2
(V)(
Ω)(2)
(
Ω)(2)
1.25
Open
Short
1.5
750
147
2.1
158
107
2.85
169
215
3
137
191
3.3
115
187
5
113
340
10
113
787
Figure 2. Adjustable-Voltage Model—Basic Connections


Similar Part No. - REG1117FA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117FA BURR-BROWN-REG1117FA Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117FA BURR-BROWN-REG1117FA Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117FA TI1-REG1117FA Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117FA-1.8 BURR-BROWN-REG1117FA-1.8 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117FA-1.8 BURR-BROWN-REG1117FA-1.8 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117FA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A TI1-REG1117A Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com