Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC3G07DCTRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC3G07DCTRE4
Description  TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC3G07DCTRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC3G07DCTRE4 Datasheet HTML 1Page - Texas Instruments SN74LVC3G07DCTRE4 Datasheet HTML 2Page - Texas Instruments SN74LVC3G07DCTRE4 Datasheet HTML 3Page - Texas Instruments SN74LVC3G07DCTRE4 Datasheet HTML 4Page - Texas Instruments SN74LVC3G07DCTRE4 Datasheet HTML 5Page - Texas Instruments SN74LVC3G07DCTRE4 Datasheet HTML 6Page - Texas Instruments SN74LVC3G07DCTRE4 Datasheet HTML 7Page - Texas Instruments SN74LVC3G07DCTRE4 Datasheet HTML 8Page - Texas Instruments SN74LVC3G07DCTRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
3A
3
2
5
8
1
1A
VCC
3Y
GND
DCT PACKAGE
(TOP VIEW)
DCU PACKAGE
(TOP VIEW)
3
2
4
5
1
1A
VCC
1Y
3Y
GND
3Y
GND
VCC
2Y
2A
See mechanical drawings for dimensions.
2
5
3
4
8
2A
3A
2Y
2A
1Y
2Y
4
6
7
6
7
8
6
1
7
1A
3A
1Y
YZP PACKAGE
(BOTTOM VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74LVC3G07
TRIPLE BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUTS
SCES365J – AUGUST 2001 – REVISED FEBRUARY 2007
• Available in the Texas Instruments
• Typical V
OHV (Output VOH Undershoot) >2 V at
NanoFree™ Package
V
CC = 3.3 V, TA = 25°C
• Supports 5-V V
CC Operation
• I
off Supports Partial-Power-Down Mode
Operation
• Max t
pd of 3.7 ns at 3.3 V
• Latch-Up Performance Exceeds 100 mA Per
• Low Power Consumption, 10-µA Max I
CC
JESD 78, Class II
• ±24-mA Output Drive at 3.3 V
• ESD Protection Exceeds JESD 22
• Input and Open-Drain Output Accepts
2000-V Human-Body Model (A114-A)
Voltages up to 5.5 V
200-V Machine Model (A115-A)
• Typical V
OLP (Output Ground Bounce) <0.8 V
at V
CC = 3.3 V, TA = 25°C
1000-V Charged-Device Model (C101)
This triple buffer/driver is designed for 1.65-V to 5.5-V VCC operation.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
The output of the SN74LVC3G07 is open drain and can be connected to other open-drain outputs to implement
active-low wired-OR or active-high wired-AND functions. The maximum sink current is 32 mA.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC3G07YZPR
_ _ _CV
0.23-mm Large Bump – YZP (Pb-free)
SSOP – DCT
Reel of 3000
SN74LVC3G07DCTR
C07_ _ _
–40°C to 85°C
Reel of 3000
SN74LVC3G07DCUR
VSSOP – DCU
C07_
Reel of 250
SN74LVC3G07DCUT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC3G07DCTRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G07DCTR TI-SN74LVC3G07DCTR Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07DCTR TI1-SN74LVC3G07DCTR Datasheet
844Kb / 16P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07DCTR TI1-SN74LVC3G07DCTR Datasheet
935Kb / 18P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07DCTRG4 TI1-SN74LVC3G07DCTRG4 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07DCTRG4 TI1-SN74LVC3G07DCTRG4 Datasheet
935Kb / 18P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
More results

Similar Description - SN74LVC3G07DCTRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07 TI1-SN74LVC3G07_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07 TI1-SN74LVC3G07_18 Datasheet
935Kb / 18P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07-Q1 TI1-SN74LVC3G07-Q1 Datasheet
270Kb / 9P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07-EP TI-SN74LVC3G07-EP Datasheet
338Kb / 10P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_06 Datasheet
71Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2006 ??Rev. 5
logo
Nexperia B.V. All right...
74HC3G07-Q100 NEXPERIA-74HC3G07-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com