Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54F283J Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54F283J
Description  4-BIT BINARY FULL ADDERS WITH FAST CARRY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54F283J Datasheet(HTML) 3 Page - Texas Instruments

  SNJ54F283J Datasheet HTML 1Page - Texas Instruments SNJ54F283J Datasheet HTML 2Page - Texas Instruments SNJ54F283J Datasheet HTML 3Page - Texas Instruments SNJ54F283J Datasheet HTML 4Page - Texas Instruments SNJ54F283J Datasheet HTML 5Page - Texas Instruments SNJ54F283J Datasheet HTML 6Page - Texas Instruments SNJ54F283J Datasheet HTML 7Page - Texas Instruments SNJ54F283J Datasheet HTML 8Page - Texas Instruments SNJ54F283J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN54F283, SN74F283
4BIT BINARY FULL ADDERS
WITH FAST CARRY
SDFS069A − D2932, MARCH 1987 − REVISED OCTOBER 1993
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
FUNCTION TABLE
OUTPUTS
INPUTS
WHEN C0 = L
WHEN C0 = H
INPUTS
WHEN C2 = L
WHEN C2 = H
A1
B1
A2
B2
Σ1
Σ2
C2
Σ1
Σ2
C2
A3
B3
A4
B4
Σ3
Σ4
C4
Σ3
Σ4
C4
L
L
L
L
L
L
L
H
L
L
H
L
L
L
H
L
L
L
H
L
L
H
L
L
H
L
L
L
H
L
H
H
L
L
L
H
L
H
H
L
L
L
H
L
L
H
L
H
H
L
H
L
H
L
H
H
L
L
L
H
L
H
H
L
H
H
L
L
L
H
H
H
H
L
L
L
H
H
L
H
L
L
L
H
L
H
L
H
H
L
H
L
L
H
H
H
L
L
L
H
L
H
L
H
H
H
L
L
L
H
H
H
L
H
L
L
H
H
L
H
L
L
H
H
L
L
H
H
L
H
H
L
H
H
H
L
H
L
H
H
L
H
H
H
H
L
H
L
H
H
H
H
H
H
L
H
H
H
H
H
NOTE: Input conditions at A1, B1, A2, B2, and C0 are used to determine outputs
Σ1
and
Σ2 and the value of the internal carry C2. The values at C2, A3, B3, A4,
and B4 are then used to determine outputs
Σ3, Σ4, and C4.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Note 1)
−1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range
−30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state
−0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54F283
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74F283
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed.


Similar Part No. - SNJ54F283J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54F283J TI-SNJ54F283J Datasheet
532Kb / 13P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SNJ54F283J TI1-SNJ54F283J Datasheet
482Kb / 16P
[Old version datasheet]   4-BIT BINARY FULL ADDERS
More results

Similar Description - SNJ54F283J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S283 TI-SN74S283 Datasheet
317Kb / 8P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN54HC283 TI1-SN54HC283_08 Datasheet
147Kb / 7P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
logo
Hitachi Semiconductor
HD74LS83A HITACHI-HD74LS83A Datasheet
82Kb / 7P
   4-Bit Binary Full Adders(with Fast Carry)
logo
Texas Instruments
SN54HC283 TI-SN54HC283 Datasheet
119Kb / 6P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN54F283 TI-SN54F283_07 Datasheet
532Kb / 13P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54F283 TI-SN54F283 Datasheet
81Kb / 5P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54283 TI1-SN54283_15 Datasheet
657Kb / 11P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54283 TI-SN54283_08 Datasheet
490Kb / 10P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
logo
National Semiconductor ...
54LS283 NSC-54LS283 Datasheet
158Kb / 8P
   4-Bit Binary Adders with Fast Carry
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283_98 Datasheet
201Kb / 8P
   4-Bit Binary Adders with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com