Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1317EBB Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # ST1317EBB
Description  3.3V CMOS Ultra-Low Jitter Voltage Control VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

ST1317EBB Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  ST1317EBB Datasheet HTML 1Page - Pericom Semiconductor Corporation ST1317EBB Datasheet HTML 2Page - Pericom Semiconductor Corporation ST1317EBB Datasheet HTML 3Page - Pericom Semiconductor Corporation ST1317EBB Datasheet HTML 4Page - Pericom Semiconductor Corporation ST1317EBB Datasheet HTML 5Page - Pericom Semiconductor Corporation ST1317EBB Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3.3V CMOS Ultra Low Jitter Voltage Control (VCXO)
3.3V CMOS Ultra Low Jitter Voltage Control (VCXO)
YN Series Crystal Oscillator
Legacy ST1317 Series
7.0x5.0mm
SaRonix-eCera™ is a Pericom® Semiconductor Corporation company • 1-800-435-2336 • www.pericom.com/saronix
YN
5
All specifications are subject to change without notice.
DS 269 Rev B | 07/03/07
Reliability Test Ratings
This product is rated to meet the following test conditions:
Type
Parameter
Test Condition
Mechanical
Shock
MIL-STD-883, Method 2002, Condition B
Mechanical
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Mechanical
Terminal strength
MIL-STD-883, Method 2004, Condition D
Mechanical
Solvent resistance
MIL-STD-202, Method 215
Environmental
Thermal shock
MIL-STD-883, Method 1011, Condition A
Environmental
Moisture resistance
MIL-STD-883, Method 1004
Environmental
Vibration
MIL-STD-883, Method 2007, Condition A
Environmental
Resistance to soldering heat
J-STD-020C Table 5-2 Pb-free devices (2 cycles max)
Solder Reflow Guide
Peak 260°C for 10 sec max
260
1 to 3°C/sec max
60 to 90 sec
Time
1 to 3°C/sec
217
4 to 6 minutes max


Similar Part No. - ST1317EBB

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST131002 E-SWITCH-ST131002 Datasheet
146Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131003 E-SWITCH-ST131003 Datasheet
126Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131012 E-SWITCH-ST131012 Datasheet
157Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131013 E-SWITCH-ST131013 Datasheet
127Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST131017 E-SWITCH-ST131017 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST1317EBB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
YK-3.3V PERICOM-YK-3.3V Datasheet
261Kb / 4P
   3.3V CMOS Ultra Low Jitter VCXO
FR-3.3V PERICOM-FR-3.3V Datasheet
251Kb / 4P
   3.3V CMOS Ultra Low Jitter VCXO
YN-3.3V PERICOM-YN-3.3V Datasheet
260Kb / 4P
   3.3V CMOS Ultra Low Jitter VCXO
YD-3.3V PERICOM-YD-3.3V Datasheet
282Kb / 4P
   3.3V CMOS Ultra Low Jitter VCXO
logo
Golledge Electronics Lt...
MCSOFV GOLLEDGE-MCSOFV Datasheet
65Kb / 1P
   3.3V CMOS Oscillator Low Jitter
logo
List of Unclassifed Man...
FD2450017 ETC2-FD2450017 Datasheet
260Kb / 3P
   3.3V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FJ-3.3V PERICOM-FJ-3.3V Datasheet
601Kb / 2P
   3.3V CMOS Low Jitter XO
FKQ-3.3V PERICOM-FKQ-3.3V Datasheet
862Kb / 2P
   3.3V CMOS Low Jitter XO
FD-3.3V PERICOM-FD-3.3V Datasheet
260Kb / 3P
   3.3V CMOS Low Jitter XO
FDQ-3.3V PERICOM-FDQ-3.3V Datasheet
986Kb / 2P
   3.3V CMOS Low Jitter XO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com