Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61180RTER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61180RTER
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61180RTER Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61180RTER Datasheet HTML 5Page - Texas Instruments TPS61180RTER Datasheet HTML 6Page - Texas Instruments TPS61180RTER Datasheet HTML 7Page - Texas Instruments TPS61180RTER Datasheet HTML 8Page - Texas Instruments TPS61180RTER Datasheet HTML 9Page - Texas Instruments TPS61180RTER Datasheet HTML 10Page - Texas Instruments TPS61180RTER Datasheet HTML 11Page - Texas Instruments TPS61180RTER Datasheet HTML 12Page - Texas Instruments TPS61180RTER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
100
PWMDimmingDutyCycle-%
TPS61181
ISET=20 A,
DimmingFrequency=1kHz
m
0
20
40
60
80
100
120
140
0
10
20
30
40
50
60
70
80
90
100
PWMDimmingDutyCycle-%
TPS61181
ISET=20 A,
DimmingFrequency=200Hz
m
50
100
150
200
250
300
350
5
7.5
12.5
15
17.5
20.0
10
V
-V
bat
V
=28.8V,TPS61181
ISET=20 A,
DimmingFrequency=200Hz
O
m
L =4.7 H
m
L =10 H
m
TPS61180/1/2
SLVS801A – DECEMBER 2007 – REVISED MARCH 2008
PWM DIMMING linearity 1kHz
PWM DIMMING LINEARITY 200Hz
Figure 8.
Figure 9.
PWM DIMMING OUTPUT RIPPLE CO=4.7µF
vs
INPUT VOLTAGE
Figure 10.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS61180/1/2


Similar Part No. - TPS61180RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180RTER TI1-TPS61180RTER Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTERG4 TI1-TPS61180RTERG4 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61180RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181A TI1-TPS61181A Datasheet
720Kb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
MARCH2011
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com