Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7135CN Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC7135CN
Description  4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7135CN Datasheet(HTML) 3 Page - Texas Instruments

  TLC7135CN Datasheet HTML 1Page - Texas Instruments TLC7135CN Datasheet HTML 2Page - Texas Instruments TLC7135CN Datasheet HTML 3Page - Texas Instruments TLC7135CN Datasheet HTML 4Page - Texas Instruments TLC7135CN Datasheet HTML 5Page - Texas Instruments TLC7135CN Datasheet HTML 6Page - Texas Instruments TLC7135CN Datasheet HTML 7Page - Texas Instruments TLC7135CN Datasheet HTML 8Page - Texas Instruments TLC7135CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ICL7135C, TLC7135C
4 1/2DIGIT PRECISION
ANALOGTODIGITAL CONVERTERS
SLAS074D − DECEMBER 1986 − REVISED SEPTEMBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage (VCC+ with respect to VCC −)
15 V
Analog input voltage (IN − or IN +)
VCC − to VCC+
Reference voltage range
VCC − to VCC+
Clock input voltage range
0 V to VCC+
Operating free-air temperature range, TA
0
°C to 70°C
Storage temperature range, Tstg
−65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC+
4
5
6
V
Supply voltage, VCC−
−3
−5
−8
V
Reference voltage, Vref
1
V
High-level input voltage, CLK, RUN/HOLD, VIH
2.8
V
Low-level input voltage, CLK, RUN/HOLD, VIL
0.8
V
Differential input voltage, VID
VCC − +1
VCC+ −0.5
V
Maximum operating frequency, fclock (see Note 1)
1.2
2
MHz
Operating free-air temperature range, TA
0
70
°C
NOTE 1: Clock frequency range extends down to 0 Hz.
ELECTRICAL CHARACTERISTICS
VCC + = 5 V, VCC − = 5 V, Vref = 1 V, fclock = 120 kHz, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
D1-D5, B1,B2,B4,B8
IO = − 1 mA
2.4
5
V
VOH
High-level output voltage
Other outputs
IO = − 10 µA
4.9
5
V
VOL
Low-level output voltage
IO = 1.6 mA
0.4
V
VON(PP) Peak-to-peak output noise voltage (see Note 1)
VID = 0,
Full scale = 2 V
15
µV
αVO
Zero-reading temperature coefficient of output voltage
VID = 0,
0
°C ≤ TA ≤ 70°C
0.5
2
µV/°C
IIH
High-level input current
VI = 5 V,
0
°C ≤ TA ≤ 70°C
0.1
10
µA
IIL
Low-level input current
VI = 0 V,
0
°C ≤ TA ≤ 70°C
− 0.02
− 0.1
mA
II
Input leakage current, IN − and IN +
VID = 0
TA = 25°C
1
10
pA
II
Input leakage current, IN − and IN +
VID = 0
0
°C ≤ TA ≤ 70°C
250
pA
ICC +
Positive supply current
fclock = 0
TA = 25°C
1
2
mA
ICC +
Positive supply current
fclock = 0
0
°C ≤ TA ≤ 70°C
3
mA
ICC −
Negative supply current
fclock = 0
TA = 25°C
− 0.8
−2
mA
ICC −
Negative supply current
fclock = 0
0
°C ≤ TA ≤ 70°C
−3
mA
Cpd
Power dissipation capacitance
See Note 2
40
pF
NOTES:
1. This is the peak-to-peak value that is not exceeded 95% of the time.
2. Factor-relating clock frequency to increase in supply current. At VCC+ = 5 V, ICC+ = ICC+(fclock = 0) + Cpd × 5 V × fclock


Similar Part No. - TLC7135CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7135CN TI1-TLC7135CN Datasheet
677Kb / 18P
[Old version datasheet]   1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
TLC7135CN TI1-TLC7135CN Datasheet
623Kb / 18P
[Old version datasheet]   4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
DECEMBER 1986 - REVISED SEPTEMBER 2003
More results

Similar Description - TLC7135CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ICL7135C TI1-ICL7135C_16 Datasheet
677Kb / 18P
[Old version datasheet]   1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
   3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
logo
TelCom Semiconductor, I...
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
TC7116 TELCOM-TC7116 Datasheet
218Kb / 14P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com