Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T230W Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T230W
Description  6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T230W Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH08T230W Datasheet HTML 4Page - Texas Instruments PTH08T230W Datasheet HTML 5Page - Texas Instruments PTH08T230W Datasheet HTML 6Page - Texas Instruments PTH08T230W Datasheet HTML 7Page - Texas Instruments PTH08T230W Datasheet HTML 8Page - Texas Instruments PTH08T230W Datasheet HTML 9Page - Texas Instruments PTH08T230W Datasheet HTML 10Page - Texas Instruments PTH08T230W Datasheet HTML 11Page - Texas Instruments PTH08T230W Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
www.ti.com
1
10
9
7
6
5
4
3
8
2
PTH08T230W, PTH08T231W
SLTS265F – NOVEMBER 2005 – REVISED MAY 2007
PTH08T230/231W
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
VI
2
The positive input voltage power node to the module, which is referenced to common GND.
VO
4
The regulated positive power output with respect to the GND.
This is the common ground connection for the VI and VO power connections. It is also the 0 Vdc reference for
GND
3
the control inputs.
The Inhibit pin is an open-collector/drain, negative logic input that is referenced to GND. Applying a low level
ground signal to this input disables the module’s output and turns off the output voltage. When the Inhibit control
is active, the input current drawn by the regulator is significantly reduced. If the Inhibit pin is left open-circuit, the
Inhibit and
module produces an output whenever a valid input source is applied.
10
UVLO(1)
This pin is also used for input undervoltage lockout (UVLO) programming. Connecting a resistor from this pin to
GND (pin 3) allows the ON threshold of the UVLO to be adjusted higher than the default value. For more
information, see the Application Information section.
A 0.05 W 1% resistor must be directly connected between this pin and pin 6 (– Sense) to set the output voltage
to a value higher than 0.69 V. The temperature stability of the resistor should be 100 ppm/
°C (or better). The
setpoint range for the output voltage is from 0.69 V to 5.5 V. If left open circuit, the output voltage will default to
VO Adjust
7
its lowest value. For further information, on output voltage adjustment see the related application note.
The specification table gives the preferred resistor values for a number of standard output voltages.
The sense input allows the regulation circuit to compensate for voltage drop between the module and the load.
+ Sense
5
For optimal voltage accuracy, +Sense must be connected to VO, close to the load.
The sense input allows the regulation circuit to compensate for voltage drop between the module and the load.
– Sense
6
For optimal voltage accuracy, –Sense must be connected to GND (pin 3), very close to the module (within 10
cm).
This is an analog control input that enables the output voltage to follow an external voltage. This pin becomes
active typically 20 ms after the input voltage has been applied, and allows direct control of the output voltage
from 0 V up to the nominal set-point voltage. Within this range the module's output voltage follows the voltage at
Track
9
the Track pin on a volt-for-volt basis. When the control voltage is raised above this range, the module regulates
at its set-point voltage. The feature allows the output voltage to rise simultaneously with other modules powered
from the same input bus. If unused, this input should be connected to VI.
NOTE: Due to the undervoltage lockout feature, the output of the module cannot follow its own input voltage
during power up. For more information, see the related application note.
This input pin adjusts the transient response of the regulator. To activate the TurboTrans feature, a 1%, 0.05 W
resistor must be connected between this pin and pin 5 (+Sense) very close to the module. For a given value of
output capacitance, a reduction in peak output voltage deviation is achieved by using this feature. If unused, this
TurboTrans™
8
pin must be left open-circuit. The resistance requirement can be selected from the TurboTrans resistor table in
the Application Information section. External capacitance must never be connected to this pin unless the
TurboTrans resistor is a short, 0
Ω.
This input pin sychronizes the switching frequency of the module to an external clock frequency. The SmartSync
feature can be used to sychronize the switching fequency of multiple PTH08T230/231W modules, aiding EMI
SmartSync
1
noise suppression efforts. If unused, this pin should be connected to GND (pin 3). For more information, please
review the Application Information section.
(1)
Denotes negative logic: Open = Normal operation, Ground = Function active
8
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH08T230W PTH08T231W


Similar Part No. - PTH08T230W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230WAD TI-PTH08T230WAD Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230WAS TI-PTH08T230WAS Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230WAZ TI-PTH08T230WAZ Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
More results

Similar Description - PTH08T230W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_10 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_07 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com