Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTD190 Datasheet(PDF) 1 Page - Littelfuse

Part # LTD190
Description  POLYFUSE짰 RESETTABLE FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LTD190 Datasheet(HTML) 1 Page - Littelfuse

  LTD190 Datasheet HTML 1Page - Littelfuse LTD190 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
040706
www.littelfuse.com
POLYFUSE® RESETTABLE FUSES
Strap Type, 15 V / 24 V
Standard
UL 1434 1st Edition
CSA C22.2 No. 0 CSA TIL No. CA-3A
Approvals
cULus Recognition
TÜV
Features
This product line similar to the STD family is
designed to provide overcurrent protection for
rechargable batteries at elevated temperatures.
These devices offer hold currents from 0.7 A to
4.3 A and voltages from 15 V to 24 V.
LTD
Specifications
Packaging
A
small pack
D
standard
Materials
Insulating material: Polyester Tape
Terminals:
Nickel
Max. Device Surface Temperature in Tripped State
120 °C
Operating / Storage Temperature
-40 ºC to +85 ºC (consider derating)
Humidity Ageing
+85 °C,85 %R.H.,7days,±5 %typicalresistancechange
Vibration
MIL-LTD-883C, Condition A, no change
Marking
“P”, Part Code, identification, lot number
LTD070
700
1.50
15
100
5.0 @ 3.5
1.00
0.100
0.200
0.340
LTD070S
700
1.50
15
100
5.0 @ 3.5
1.00
0.100
0.200
0.340
LTD100
1.00
2.50
24
100
7.0 @ 5.0
1.50
0.070
0.130
0.260
LTD100S
1.00
2.50
24
100
7.0 @ 5.0
1.50
0.070
0.130
0.260
LTD100SS
1.00
2.50
24
100
7.0 @ 5.0
1.50
0.070
0.130
0.260
LTD180
1.80
3.80
24
100
2.9 @ 9.0
2.00
0.040
0.068
0.120
LTD180S
1.80
3.80
24
100
2.9 @ 9.0
2.00
0.040
0.068
0.120
LTD180SS
1.80
3.80
24
100
2.9 @ 9.0
2.00
0.040
0.068
0.120
LTD190
1.90
4.20
24
100
3.0 @ 10.0
1.90
0.030
0.057
0.100
LTD260
2.60
5.20
24
100
5.0 @ 13.0
2.30
0.025
0.042
0.076
LTD300
3.00
6.30
24
100
4.0 @ 15.0
2.00
0.015
0.031
0.055
LTD310
3.10
6.00
24
100
5.0 @ 16.0
2.50
0.018
0.030
0.055
LTD340
3.40
6.80
24
100
5.0 @ 17.0
2.70
0.016
0.027
0.050
Permissible continuous operating current is ≤ 100 % at ambient temperature of 20 ºC (68 ºF).
NOTE:
I
hold =
Hold current: maximum current device will pass without tripping in 20 °C still air.
I
trip =
Trip current: minimum current at which the device will trip in 20 °C still air.
V
max =
Maximum voltage device can withstand without damage at rated current (I
max)
I
max =
Maximum fault current device can withstand without damage at rated voltage (V
max)
P
d =
Power dissipated from device when in the tripped state at 20 °C still air.
R
min=
Minimum resistance of device in initial (un-soldered) state.
R
1max=
Maximum resistance of device at 20 °C measured one hour after tripping for 20 s.
Caution: Operation beyond the specified rating may result in damage and possible arcing and flame.
Specifications are subject to change without notice
LTD070
1
19.9
22.1
4.9
5.2
0.7
1.2
5.5
3.9
4.1
500
10,000
LTD070S
2
19.9
22.1
4.9
5.2
0.7
1.2
5.5
3.9
4.1
500
10,000
LTD100
1
20.9
23.1
4.9
5.2
0.6
1.0
4.1
3.9
4.1
500
10,000
LTD100S
2
20.9
23.1
4.9
5.2
0.6
1.0
4.1
3.9
4.1
500
10,000
LTD100SS
3
20.9
23.1
4.9
5.2
0.6
1.0
4.1
3.9
4.1
500
10,000
LTD180
1
24.0
26.0
4.9
5.2
0.6
1.0
4.1
3.9
4.1
500
10,000
LTD180S
2
24.0
26.0
4.9
5.2
0.6
1.0
4.1
3.9
4.1
500
10,000
LTD180SS
3
24.0
26.0
4.9
5.2
0.6
1.0
4.1
3.9
4.1
500
10,000
LTD190
1
21.3
23.4
10.2
11.0
0.5
1.0
5.0
4.8
5.4
500
10,000
LTD260
1
24.0
26.0
10.8
11.9
0.6
1.0
5.0
5.9
6.1
500
10,000
LTD300
1
28.4
31.8
13.0
13.5
0.5
1.1
6.3
6.0
6.6
500
10,000
LTD310
1
24.0
26.0
14.8
15.9
0.6
1.0
5.0
5.9
6.1
500
10,000
LTD340
1
24.0
26.0
14.8
15.9
0.6
1.0
5.0
5.9
6.1
500
10,000
Dimensions (mm)
Model
I
hold
I
Trip
V
max. dc
I
max.
max. time to trip
P
d max.
Resistance
Approvals
(mA/A)
(A)
(V)
(A)
(s @ A)
(W)
R
min.()
R
max.()
R
I max.()
Order
Qty.
Order-
Model
Packaging
Information
Number
Model
A
B
C
D
E
packaging quantity
Fig
Min Max
Min Max
Min Max
Min
Min Max
small pack
standard
Dimensions (mm)
S: one slot
SS: two slots


Similar Part No. - LTD190

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
LTD104C11S TOSHIBA-LTD104C11S Datasheet
131Kb / 9P
   26CM COLOUR TFT LCD MODULE
LTD121EC5S TOSHIBA-LTD121EC5S Datasheet
74Kb / 10P
   31cm COLOUR TFT-LCD MODULE
LTD121KA0S TOSHIBA-LTD121KA0S Datasheet
95Kb / 11P
   31cm COLOUR TFT-LCD MODULE
More results

Similar Description - LTD190

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com