Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC37136M Datasheet(PDF) 7 Page - Texas Instruments

Part # UC37136M
Description  DUAL OUTPUT SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC37136M Datasheet(HTML) 7 Page - Texas Instruments

  UC37136M Datasheet HTML 1Page - Texas Instruments UC37136M Datasheet HTML 2Page - Texas Instruments UC37136M Datasheet HTML 3Page - Texas Instruments UC37136M Datasheet HTML 4Page - Texas Instruments UC37136M Datasheet HTML 5Page - Texas Instruments UC37136M Datasheet HTML 6Page - Texas Instruments UC37136M Datasheet HTML 7Page - Texas Instruments UC37136M Datasheet HTML 8Page - Texas Instruments UC37136M Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC37136M
ACTIVE
SSOP/
QSOP
DBQ
16
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC37136MG4
ACTIVE
SSOP/
QSOP
DBQ
16
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Oct-2007
Addendum-Page 1


Similar Part No. - UC37136M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC37131 TI-UC37131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC37131 TI-UC37131 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
UC37131D TI1-UC37131D Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC37131DG4 TI1-UC37131DG4 Datasheet
121Kb / 13P
[Old version datasheet]   Smart Power Switch
UC37132 TI-UC37132 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
More results

Similar Description - UC37136M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP43102 VISHAY-SIP43102 Datasheet
86Kb / 6P
   Dual Output Power Switch
Rev. C, 28-Feb-05
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Fairchild Semiconductor
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
   Dual-Output Current Limit Switch
logo
Allegro MicroSystems
3235 ALLEGRO-3235 Datasheet
73Kb / 8P
   DUAL-OUTPUT HALL-EFFECT SWITCH
logo
Standex Electronics, In...
MFM7-DHS1-5KCD4 STANDEX-MFM7-DHS1-5KCD4 Datasheet
632Kb / 3P
   Dual Output Hall Switch Sensor
Rev BBD
S12-DHS1-5KSA5 STANDEX-S12-DHS1-5KSA5 Datasheet
625Kb / 3P
   Dual Output Hall Switch Sensor
Rev BCD
S63B-DHS1-5KCB2A STANDEX-S63B-DHS1-5KCB2A Datasheet
590Kb / 3P
   Dual Output Hall Switch Sensor
Rev BCB
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com