Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73230DBVRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS73230DBVRG4
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73230DBVRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73230DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 12Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 13Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 14Page - Texas Instruments TPS73230DBVRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
APPLICATION INFORMATION
INPUT AND OUTPUT CAPACITOR
TPS732xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
Optional output capacitor.
May improve load transient,
noise, or PSRR.
Optional bypass
capacitor to reduce
output noise.
OUTPUT NOISE
V
N
+ 32mVRMS
(R
1
) R2)
R
2
+ 32mVRMS
V
OUT
V
REF
(1)
TPS73201
GND
EN
FB
IN
OUT
V
IN
V
OUT
V
OUT
=
x1.204
(R
1
+ R
2
)
R
2
R
1
C
FB
R
2
Optionalinputcapacitor.
Mayimprovesource
impedance,noise,orPSRR.
Optionaloutputcapacitor.
Mayimproveloadtransient
noise,orPSRR.
Optionalcapacitor
reducesoutputnoise
andimproves
transientresponse.
V
N(mVRMS) + 27
mVRMS
V
V
OUT(V)
(2)
TPS732xx
SBVS037L – AUGUST 2003 – REVISED AUGUST 2007
in addition to the internal 8k
Ω resistor, presents the
The TPS732xx belongs to a family of new generation
same impedance to the error amp as the 27k
LDO regulators that use an NMOS pass transistor to
bandgap reference output. This impedance helps
achieve
ultra-low-dropout
performance,
reverse
compensate
for
leakages
into
the
error
amp
current blockage, and freedom from output capacitor
terminals.
constraints. These features, combined with low noise
and an enable input, make the TPS732xx ideal for
portable applications. This regulator family offers a
REQUIREMENTS
wide selection of fixed output voltage versions and an
adjustable output version. All versions have thermal
Although an input capacitor is not required for
and
over-current
protection,
including
foldback
stability, it is good analog design practice to connect
current limit.
a 0.1
µF to 1µF low ESR capacitor across the input
supply near the regulator. This counteracts reactive
Figure 31 shows the basic circuit connections for the
input sources and improves transient response, noise
fixed voltage models. Figure 32 gives the connections
rejection,
and
ripple
rejection.
A
higher-value
for the adjustable output version (TPS73201).
capacitor may be necessary if large, fast rise-time
load transients are anticipated or the device is
located several inches from the power source.
The TPS732xx does not require an output capacitor
for stability and has maximum phase margin with no
capacitor. It is designed to be stable for all available
types and values of capacitors. In applications where
VIN – VOUT < 0.5V and multiple low ESR capacitors
are in parallel, ringing may occur when the product of
COUT and total ESR drops below 50nΩF. Total ESR
includes all parasitic resistances, including capacitor
ESR and board, socket, and solder joint resistance.
In most applications, the sum of capacitor ESR and
Figure 31. Typical Application Circuit for
trace resistance will meet this requirement.
Fixed-Voltage Versions
A precision band-gap reference is used to generate
the internal reference voltage, VREF. This reference is
the dominant noise source within the TPS732xx and
it generates approximately 32VRMS (10Hz to 100kHz)
at the reference output (NR). The regulator control
loop gains up the reference noise with the same gain
as the reference voltage, so that the noise voltage of
the regulator is approximately given by:
Since the value of VREF is 1.2V, this relationship
reduces to:
Figure 32. Typical Application Circuit for
Adjustable-Voltage Version
R1 and R2 can be calculated for any output voltage
for the case of no CNR.
using the formula shown in Figure 32. Sample
resistor values for common output voltages are
shown in Figure 2.
For best accuracy, make the parallel combination of
R1 and R2 approximately euqal to 19kΩ. This 19kΩ,
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS732xx


Similar Part No. - TPS73230DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73230DBVRG4 TI-TPS73230DBVRG4 Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73230DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com