Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ1010 Datasheet(PDF) 11 Page - Alpha & Omega Semiconductors

Part # AOZ1010
Description  EZBuck??2A Simple Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1010 Datasheet(HTML) 11 Page - Alpha & Omega Semiconductors

Back Button AOZ1010 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1010 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1010 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1010 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1010 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1010 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1010 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1010 Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1010 Datasheet HTML 14Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AOZ1010
Rev. 1.0 November 2006
www.aosmd.com
Page 11 of 14
The junction
to ambient temperature can be got from
power dissipation in the AOZ1010 and thermal imped-
ance from junction to ambient.
The maximum junction temperature of AOZ1010 is
145°C, which limits the maximum load current capability.
Please see the thermal de-rating curves for the maximum
load current of the AOZ1010 under different ambient
temperatures.
The thermal performance of the AOZ1010 is strongly
affected by the PCB layout. Extra care should be taken
by users during the design process to ensure that the IC
will operate under the recommended environmental
conditions.
Several layout tips are listed below for the best electric
and thermal performance. Figure 3 below illustrates a
single layer PCB layout example as a reference.
1.
Do not use thermal relief connection to the VIN and
the PGND pin. Pour a maximized copper area to
the PGND pin and the VIN pin to help thermal
dissipation.
2.
Input capacitor should be connected to the VIN pin
and the PGND pin as close as possible.
3.
A ground plane is preferred. If a ground plane is not
used, separate PGND from AGND and connect them
only at one point to avoid the PGND pin noise
coupling to the AGND pin. In this case, a decoupling
capacitor should be connected between VIN pin and
AGND pin.
4.
Make the current trace from LX pins to L to Co to the
PGND as short as possible.
5.
Pour copper plane on all unused board area and
connect it to stable DC nodes, like VIN, GND, or VOUT.
6.
The two LX pins are connected to the internal PFET
drain. They are low resistance thermal conduction
path and most noisy switching node. Connect a
copper plane to the LX pin to help thermal
dissipation. This copper plane should not be too
large otherwise switching noise may be coupled to
other parts of the circuit.
7.
Keep sensitive signal traces such as trace connect-
ing FB pin and COMP pin away from the LX pins.
Figure 3. AOZ1010 PCB Layout
T (jun-amb)
P
totalloss P inductorloss
() Θ
JA
×
=
SO-8
1
2
3
4
8
7
6
5
VIN
AGND
COMP
LX
LX
EN
FB
Cout
Cc
Rc
R2
R1
L
Cin
PGND
Cd


Similar Part No. - AOZ1010

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1010AI AOSMD-AOZ1010AI Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
More results

Similar Description - AOZ1010

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1019 AOSMD-AOZ1019 Datasheet
634Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1018 AOSMD-AOZ1018 Datasheet
769Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
   EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
AOZ1020-EVA AOSMD-AOZ1020-EVA Datasheet
206Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com