Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29L320AUG-120IF Datasheet(PDF) 8 Page - AMIC Technology

Part # A29L320AUG-120IF
Description  4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L320AUG-120IF Datasheet(HTML) 8 Page - AMIC Technology

Back Button A29L320AUG-120IF Datasheet HTML 4Page - AMIC Technology A29L320AUG-120IF Datasheet HTML 5Page - AMIC Technology A29L320AUG-120IF Datasheet HTML 6Page - AMIC Technology A29L320AUG-120IF Datasheet HTML 7Page - AMIC Technology A29L320AUG-120IF Datasheet HTML 8Page - AMIC Technology A29L320AUG-120IF Datasheet HTML 9Page - AMIC Technology A29L320AUG-120IF Datasheet HTML 10Page - AMIC Technology A29L320AUG-120IF Datasheet HTML 11Page - AMIC Technology A29L320AUG-120IF Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
A29L320A Series
(November, 2007, Version 1.1)
7
AMIC Technology, Corp.
The RESET pin may be tied to the system reset circuitry. A
system reset would thus also reset the Flash memory,
enabling the system to read the boot-up firmware from the
Flash memory.
If RESET is asserted during a program or erase operation,
the RY/
BY pin remains a “0” (busy) until the internal reset
operation is complete, which requires a time tREADY (during
Embedded Algorithms). The system can thus monitor
RY/
BY to determine whether the reset operation is
complete. If RESET is asserted when a program or erase
operation is not executing (RY/
BY pin is “1”), the reset
operation is completed within a time of tREADY (not during
Embedded Algorithms). The system can read data tRH after
the RESET pin return to VIH.
Refer
to
the
AC
Characteristics
tables
for
RESET
parameters and diagram.
Table 2. A29L320A Top Boot Block Sector Address Table
Address Range (in hexadecimal)
Sector
A20-A12
Sector Size
(Kbytes/ Kwords)
Byte Mode (x8)
Word Mode (x16)
SA0
000000XXX
64/32
000000 - 00FFFF
000000 - 007FFF
SA1
000001XXX
64/32
010000 - 01FFFF
008000 - 00FFFF
SA2
000010XXX
64/32
020000 - 02FFFF
010000 - 017FFF
SA3
000011XXX
64/32
030000 - 03FFFF
018000 - 01FFFF
SA4
000100XXX
64/32
040000 - 04FFFF
020000 - 027FFF
SA5
000101XXX
64/32
050000 - 05FFFF
028000 - 02FFFF
SA6
000110XXX
64/32
060000 - 06FFFF
030000 - 037FFF
SA7
000111XXX
64/32
070000 - 07FFFF
038000 - 03FFFF
SA8
001000XXX
64/32
080000 - 08FFFF
040000 - 047FFF
SA9
001001XXX
64/32
090000 - 09FFFF
048000 - 04FFFF
SA10
001010XXX
64/32
0A0000 - 0AFFFF
050000 - 057FFF
SA11
001011XXX
64/32
0B0000 - 0BFFFF
058000 - 05FFFF
SA12
001100XXX
64/32
0C0000 - 0CFFFF
060000 - 067FFF
SA13
001101XXX
64/32
0D0000 - 0DFFFF
068000 - 06FFFF
SA14
001110XXX
64/32
0E0000 - 0EFFFF
070000 - 077FFF
SA15
001111XXX
64/32
0F0000 - 0FFFFF
078000 - 07FFFF
SA16
010000XXX
64/32
100000 - 10FFFF
080000 - 087FFF
SA17
010001XXX
64/32
110000 - 11FFFF
088000 - 08FFFF
SA18
010010XXX
64/32
120000 - 12FFFF
090000 - 097FFF
SA19
010011XXX
64/32
130000 - 13FFFF
098000 - 09FFFF
SA20
010100XXX
64/32
140000 - 14FFFF
0A0000 - 0A7FFF
SA21
010101XXX
64/32
150000 - 15FFFF
0A8000 - 0AFFFF
SA22
010110XXX
64/32
160000 - 16FFFF
0B0000 - 0B7FFF
SA23
010111XXX
64/32
170000 - 17FFFF
0B8000 - 0BFFFF
SA24
011000XXX
64/32
180000 - 18FFFF
0C0000 - 0C7FFF
SA25
011001XXX
64/32
190000 - 19FFFF
0C8000 - 0CFFFF
SA26
011010XXX
64/32
1A0000 - 1AFFFF
0D0000 - 0D7FFF
SA27
011011XXX
64/32
1B0000 - 1BFFFF
0D8000 - 0DFFFF
SA28
011100XXX
64/32
1C0000 - 1CFFFF
0E0000 - 0E7FFF
SA29
011101XXX
64/32
1D0000 - 1DFFFF
0E8000 - 0EFFFF
SA30
011110XXX
64/32
1E0000 - 1EFFFF
0F0000 - 0F7FFF
SA31
011111XXX
64/32
1F0000 - 1FFFFF
0F8000 - 0FBFFF
SA32
100000XXX
64/32
200000 - 20FFFF
100000 - 107FFF
SA33
100001XXX
64/32
210000 - 21FFFF
108000 - 10FFFF
SA34
100010XXX
64/32
220000 - 22FFFF
110000 - 17FFFF


Similar Part No. - A29L320AUG-120IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
More results

Similar Description - A29L320AUG-120IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L320 AMICC-A29L320 Datasheet
588Kb / 44P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV320D EXCELSEMI-ES29LV320D Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV320E EXCELSEMI-ES29LV320E Datasheet
745Kb / 58P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640T EON-EN29LV640T Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
AMIC Technology
A29L161B AMICC-A29L161B Datasheet
476Kb / 41P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com