Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSU2032C16 Datasheet(PDF) 11 Page - Mosel Vitelic, Corp

Part # MSU2032C16
Description  low working voltage 16 MHz ROM less MCU
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU2032C16 Datasheet(HTML) 11 Page - Mosel Vitelic, Corp

Back Button MSU2032C16 Datasheet HTML 7Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 8Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 9Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 10Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 11Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 12Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 13Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 14Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 15Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
Rev. 1.0 February 1998
MOSEL VITELIC
MSU2052/U2032
Data Memory Write Cycle Timing
T12
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T1
T2
OSC
ALE
#PSEN
#WR
PORT2
PORT0
ADDRESS A
- A
15
8
1
5
6
2
2
3
4
Float
A -A
7
0
DATA OUT
T3
ADDRESS
or Float
INST
X1
inputs P0, P1
inputs P2, P3
Output by
MOV Px,Src
RxD at Serial Port
Shift Clock
(Mode 0)
sampled
sampled
current data
next data
sampled
T7
T8
T9
T10
T11
T12
T1
T2
T3
T4
T5
T6
T7
T8
T6
I/O Ports Timing


Similar Part No. - MSU2032C16

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2031 MOSEL-MSU2031 Datasheet
33Kb / 1P
   8 - Bit Microcontroller
MSU2031C16 MOSEL-MSU2031C16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031C25 MOSEL-MSU2031C25 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031C40 MOSEL-MSU2031C40 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031L16 MOSEL-MSU2031L16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
More results

Similar Description - MSU2032C16

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2051 MOSEL-MSU2051 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
ST10R172L-B0 STMICROELECTRONICS-ST10R172L-B0 Datasheet
20Kb / 3P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R172L STMICROELECTRONICS-ST10R172L Datasheet
648Kb / 68P
   16-BIT LOW VOLTAGE ROMLESS MCU
logo
Microchip Technology
DM163006 MICROCHIP-DM163006 Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers
10/01/00
logo
List of Unclassifed Man...
XPT8P003A ETC2-XPT8P003A Datasheet
322Kb / 1P
   16 MHz XPT8P 8Bit MCU
logo
STMicroelectronics
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
   16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
ST10R272L-B0 STMICROELECTRONICS-ST10R272L-B0 Datasheet
24Kb / 4P
   16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com