Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSU2032C16 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # MSU2032C16
Description  low working voltage 16 MHz ROM less MCU
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU2032C16 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  MSU2032C16 Datasheet HTML 1Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 2Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 3Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 4Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 5Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 6Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 7Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 8Page - Mosel Vitelic, Corp MSU2032C16 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Rev. 1.0 February 1998
MOSEL VITELIC
MSU2052/U2032
Block Diagram
RES
Vdd
Vss
XTAL2
XTAL1
#EA
#PSEN
ALE
Timer 1
Timer 0
Decoder &
Register
256 bytes
RAM
8K bytes
ROM
Register
Program
Counter
PC
Increamenter
Buffer
DPTR
Stack
Pointer
Port 3
Latch
Port 1
Latch
Port 2
Latch
Port 0
Latch
Port 0
Driver
Port 2
Driver
Port 1
Driver
Port 3
Driver
8
8
8
8
Reset
Circuit
Power
Circuit
Interrupt
Circuit
Timming
Generator
to pertinent blocks
to whole chip
to pertinent blocks
to whole system
Acc
Buffer1
Buffer2
ALU
PSW
Instruction
Register
Timer 2


Similar Part No. - MSU2032C16

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2031 MOSEL-MSU2031 Datasheet
33Kb / 1P
   8 - Bit Microcontroller
MSU2031C16 MOSEL-MSU2031C16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031C25 MOSEL-MSU2031C25 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031C40 MOSEL-MSU2031C40 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2031L16 MOSEL-MSU2031L16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
More results

Similar Description - MSU2032C16

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2051 MOSEL-MSU2051 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
ST10R172L-B0 STMICROELECTRONICS-ST10R172L-B0 Datasheet
20Kb / 3P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R172L STMICROELECTRONICS-ST10R172L Datasheet
648Kb / 68P
   16-BIT LOW VOLTAGE ROMLESS MCU
logo
Microchip Technology
DM163006 MICROCHIP-DM163006 Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers
10/01/00
logo
List of Unclassifed Man...
XPT8P003A ETC2-XPT8P003A Datasheet
322Kb / 1P
   16 MHz XPT8P 8Bit MCU
logo
STMicroelectronics
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
   16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
ST10R272L-B0 STMICROELECTRONICS-ST10R272L-B0 Datasheet
24Kb / 4P
   16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com