Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXPS5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KXPS5
Description  Getting Started with the KXPS5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KXPS5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KXPS5 Datasheet HTML 1Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 2Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 3Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 4Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 5Page - List of Unclassifed Manufacturers KXPS5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AN 009
SPI Schematic
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Enable
X
Y
Z
FF/MOT
MOT Enable
C
1
SCLK
SDO
SDI
KXPS5
CS
Vdd
Vdd
Logic Input
Logic Output
Logic Input or RC
Master Clock
Logic Input
Logic Output
Logic Input
GND
SPI
C
4
C
3
C
2
Figure 2. Schematic for SPI Operation
RC Enable
A good design practice is to control the KXPS5 Enable pin (6) with a
microprocessor, but it is also possible to enable the KXPS5 using the RC circuit
shown in Figure 3. This circuit will transition the Enable pin high at power on,
properly enabling the accelerometer after power has been supplied. Note that the
RC values are just recommendations, therefore the final schematic may differ
based on application needs.
Enable
6
Vdd
10Kohm
0.1uf
Figure 3. Schematic for RC Enable
© Kionix 2006
9 March 2006
Page 2 of 6


Similar Part No. - KXPS5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXPA4 ETC1-KXPA4 Datasheet
175Kb / 3P
   Accelerometers and Inclinometers Multiplexed Analog Output
KXPA4-1050 ETC1-KXPA4-1050 Datasheet
175Kb / 3P
   Accelerometers and Inclinometers Multiplexed Analog Output
KXPA4-2050 ETC1-KXPA4-2050 Datasheet
175Kb / 3P
   Accelerometers and Inclinometers Multiplexed Analog Output
More results

Similar Description - KXPS5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0284 STMICROELECTRONICS-UM0284 Datasheet
437Kb / 11P
   Getting started with the STUSB03E
UM0250 STMICROELECTRONICS-UM0250 Datasheet
244Kb / 12P
   Getting started with the ST7
AN3342 STMICROELECTRONICS-AN3342 Datasheet
1Mb / 39P
   Getting started with STM8TL5xxx
UM1662 STMICROELECTRONICS-UM1662 Datasheet
605Kb / 11P
   Getting started with the STM32F429 Discovery kit
September 2013 Rev 1
logo
Ramtron International C...
AN91267 RAMTRON-AN91267 Datasheet
3Mb / 62P
   Getting Started with PSoC
logo
STMicroelectronics
UM0034 STMICROELECTRONICS-UM0034 Datasheet
2Mb / 39P
   Getting Started
UM1833 STMICROELECTRONICS-UM1833 Datasheet
874Kb / 8P
   Getting started with the STCOMET development environment
AN2752 STMICROELECTRONICS-AN2752 Datasheet
2Mb / 40P
   Getting started with the STM8S and STM8A
UM0193 STMICROELECTRONICS-UM0193 Datasheet
750Kb / 35P
   Getting Started with the ARMIC30 Evaluation Board
UM0323 STMICROELECTRONICS-UM0323 Datasheet
2Mb / 24P
   STEVAL-PCC001V1 - Getting started with the ST7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com