Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G157GF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP1G157GF
Description  Low-power 2-input multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G157GF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G157GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G157GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G157GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G157GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G157GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G157GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G157GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1G157GF Datasheet HTML 13Page - NXP Semiconductors 74AUP1G157GF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74AUP1G157_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 9 November 2006
10 of 16
NXP Semiconductors
74AUP1G157
Low-power 2-input multiplexer
[1]
For measuring enable and disable times RL =5kΩ, for measuring propagation delays, setup and hold times and pulse width RL =1MΩ.
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 9.
Load circuitry for switching times
001aac521
PULSE
GENERATOR
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
5 k
Ω or 1 MΩ
open
GND
2
× VCC


Similar Part No. - 74AUP1G157GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G157GF NXP-74AUP1G157GF Datasheet
84Kb / 16P
   Low-power 2-input multiplexer
Rev. 02-5 February 2008
More results

Similar Description - 74AUP1G157GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G157 NXP-74AUP1G157 Datasheet
84Kb / 16P
   Low-power 2-input multiplexer
Rev. 02-5 February 2008
74AUP2G157 NXP-74AUP2G157 Datasheet
113Kb / 20P
   Low-power 2-input multiplexer
Rev. 03-2 July 2008
74AUP1G157 PHILIPS-74AUP1G157_15 Datasheet
264Kb / 20P
   Low-power 2-input multiplexer
Rev. 5-22 June 2012
logo
Nexperia B.V. All right...
74AUP1G157-Q100 NEXPERIA-74AUP1G157-Q100 Datasheet
219Kb / 13P
   Low-power 2-input multiplexer
Rev. 2 - 4 November 2021
74AUP1G157 NEXPERIA-74AUP1G157 Datasheet
267Kb / 17P
   Low-power 2-input multiplexer
Rev. 9 - 18 January 2022
74AUP2G157 NEXPERIA-74AUP2G157 Datasheet
283Kb / 20P
   Low-power 2-input multiplexer
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP1G158 NXP-74AUP1G158 Datasheet
93Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
74AUP1G158 PHILIPS-74AUP1G158_15 Datasheet
203Kb / 19P
   Low-power 2-input multiplexer; inverting
Rev. 5-3 August 2012
logo
Nexperia B.V. All right...
74AUP1G158 NEXPERIA-74AUP1G158 Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com