Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16318 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # PDSP16318
Description  ALU and Barrel Shifter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16318 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button PDSP16318 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 9Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 10Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 11Page - Mitel Networks Corporation PDSP16318 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PDSP1601/PDSP1601A
8
The Register Files
There are two on-chip register files (ALU and Shifter), each
containing two 16 bit registers and each supporting 8
instructions (see Table 4). The instructions for the ALU
register file and the Barrel Shifter Register file are the same.
The Inputs to the register files come from either the ALU or
the Barrel Shifter, and are loaded into the Register files on the
rising edge of CLK.
The register file instructions are latched such that the
instruction will not start executing until the rising edge of the
CLK latches the instruction into the device.
The register file instructions (see Table 4) allow input data
to be loaded into either, neither or both of the registers. Data
is loaded at the end of the cycle in which the instruction is
executing.
The register file instructions allow the output to be sourced
from either of the two registers, the selected output will be valid
during the cycle in which the instruction is executing.
Operation
Load Left Reg Output Right Reg
Load Right Reg Output Left Reg
Load Left Register, Output Left Reg
Load Right Register, Output Right Reg
Load Both Registers, Output Left Reg
No Load Operation, Output Right Reg
No Load Operation, Output Left Reg
No Load Operation, Pass Barrel Shifter Result
Operation
Load Left Reg Output Right Reg
Load Right Reg Output Left Reg
Load Left Register, Output Left Reg
Load Right Register, Output Right Reg
Load Both Registers, Output Left Reg
No Load Operation, Output Right Reg
No Load Operation, Output Left Reg
No Load Operation, Pass ALU Result
Inst
0
1
2
3
4
5
6
7
RA2-RA0
000
001
010
011
100
101
110
111
Mnemonic
LLRRR
LRRLR
LLRLR
LRRRR
LBRLR
NOPRR
NOPLR
NOPPS
ALU REGISTER INSTRUCTIONS
Inst
0
1
2
3
4
5
6
7
RA2-RA0
000
001
010
011
100
101
110
111
Mnemonic
LLRRR
LRRLR
LLRLR
LRRRR
LBRLR
NOPRR
NOPLR
NOPPS
SHIFTER REGISTER INSTRUCTIONS
Table 4 ALU and shift register instructions mnemonics
MNEMONICS
LXXYY
Load XX = Target,
YY
= Source of Output
LBOXX
Load Both Registers, XX
= Source of Output
NOPXX No Load Operation,
XX
= Source of Output


Similar Part No. - PDSP16318

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16318 MITEL-PDSP16318 Datasheet
88Kb / 8P
   PDSP16256GC1R
logo
Zarlink Semiconductor I...
PDSP16318 ZARLINK-PDSP16318 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
PDSP16318 ZARLINK-PDSP16318 Datasheet
121Kb / 16P
   ALU and Barrel Shifter
PDSP16318 ZARLINK-PDSP16318 Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
PDSP16318 ZARLINK-PDSP16318 Datasheet
91Kb / 7P
   Complex Accumulator
More results

Similar Description - PDSP16318

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP1601MC MITEL-PDSP1601MC Datasheet
142Kb / 18P
   ALU and Barrel Shifter
PDSP1601 MITEL-PDSP1601 Datasheet
137Kb / 17P
   ALU and Barrel Shifter
logo
Zarlink Semiconductor I...
PDSP1601 ZARLINK-PDSP1601_98 Datasheet
121Kb / 16P
   ALU and Barrel Shifter
PDSP1601MC ZARLINK-PDSP1601MC Datasheet
111Kb / 16P
   ALU and Barrel Shifter
logo
LOGIC Devices Incorpora...
LSH32 LODEV-LSH32 Datasheet
202Kb / 9P
   32-bit Cascadable Barrel Shifter
LSH33 LODEV-LSH33 Datasheet
218Kb / 8P
   32-bit Barrel Shifter with Registers
logo
HAMLIN Position and Mov...
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036 Datasheet
309Kb / 18P
   Automotive Contact Monitor and Level Shifter
Rev 0; 4/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com