Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT594D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT594D
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT594D Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AHCT594D Datasheet HTML 3Page - Texas Instruments SN74AHCT594D Datasheet HTML 4Page - Texas Instruments SN74AHCT594D Datasheet HTML 5Page - Texas Instruments SN74AHCT594D Datasheet HTML 6Page - Texas Instruments SN74AHCT594D Datasheet HTML 7Page - Texas Instruments SN74AHCT594D Datasheet HTML 8Page - Texas Instruments SN74AHCT594D Datasheet HTML 9Page - Texas Instruments SN74AHCT594D Datasheet HTML 10Page - Texas Instruments SN74AHCT594D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN54AHCT594, SN74AHCT594
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS417H − JUNE 1998 − REVISED SEPTEMBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT594
SN74AHCT594
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
135*
170*
115*
115
MHz
fmax
CL = 50 pF
120
140
95
95
MHz
tPLH
RCLK
QA−QH
CL = 15 pF
3.3*
6.2*
1*
6.5*
1
6.5
ns
tPHL
RCLK
QA−QH
CL = 15 pF
3.7*
6.5*
1*
6.9*
1
6.9
ns
tPLH
SRCLK
QH
CL = 15 pF
3.7*
6.8*
1*
7.2*
1
7.2
ns
tPHL
SRCLK
QH′
CL = 15 pF
4.1*
7.2*
1*
7.6*
1
7.6
ns
tPHL
RCLR
QA−QH
CL = 15 pF
4.5*
7.6*
1*
8.2*
1
8.2
ns
tPHL
SRCLR
QH′
CL = 15 pF
4.1*
7.1*
1*
7.6*
1
7.6
ns
tPLH
RCLK
QA−QH
CL = 50 pF
4.9
7.8
1
8.3
1
8.3
ns
tPHL
RCLK
QA−QH
CL = 50 pF
5.8
8.9
1
9.7
1
9.7
ns
tPLH
SRCLK
QH
CL = 50 pF
5.5
8.6
1
9.1
1
9.1
ns
tPHL
SRCLK
QH′
CL = 50 pF
6
9.2
1
10.1
1
10.1
ns
tPHL
RCLR
QA−QH
CL = 50 pF
6.6
10
1
10.7
1
10.7
ns
tPHL
SRCLR
QH′
CL = 50 pF
6
9.2
1
10.1
1
10.1
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
SN74AHCT594
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
1
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.6
V
VOH(V)
Quiet output, minimum dynamic VOH
3.8
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
112
pF


Similar Part No. - SN74AHCT594D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT594D TI-SN74AHCT594D Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594D TI-SN74AHCT594D Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594DBR TI-SN74AHCT594DBR Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594DBR TI-SN74AHCT594DBR Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHCT594DBRE4 TI-SN74AHCT594DBRE4 Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Similar Description - SN74AHCT594D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com