Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVCH162268 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVCH162268
Description  12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH162268 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVCH162268 Datasheet HTML 1Page - Texas Instruments SN74ALVCH162268 Datasheet HTML 2Page - Texas Instruments SN74ALVCH162268 Datasheet HTML 3Page - Texas Instruments SN74ALVCH162268 Datasheet HTML 4Page - Texas Instruments SN74ALVCH162268 Datasheet HTML 5Page - Texas Instruments SN74ALVCH162268 Datasheet HTML 6Page - Texas Instruments SN74ALVCH162268 Datasheet HTML 7Page - Texas Instruments SN74ALVCH162268 Datasheet HTML 8Page - Texas Instruments SN74ALVCH162268 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
OEA
CLKEN1B
2B3
GND
2B2
2B1
VCC
A1
A2
A3
GND
A4
A5
A6
A7
A8
A9
GND
A10
A11
A12
VCC
1B1
1B2
GND
1B3
CLKEN2B
SEL
OEB
CLKENA2
2B4
GND
2B5
2B6
VCC
2B7
2B8
2B9
GND
2B10
2B11
2B12
1B12
1B11
1B10
GND
1B9
1B8
1B7
VCC
1B6
1B5
GND
1B4
CLKENA1
CLK
SN74ALVCH162268
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
WITH 3-STATE OUTPUTS
SCES018L – AUGUST 1995 – REVISED SEPTEMBER 2004
Member of the Texas Instruments Widebus™
Family
Operates From 1.65 V to 3.6 V
Max tpd of 4.8 ns at 3.3 V
±24-mA Output Drive at 3.3 V
B-Port Outputs Have Equivalent 26-
Ω Series
Resistors, So No External Resistors Are
Required
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
This 12-bit to 24-bit registered bus exchanger is
designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVCH162268 is used for applications in
which data must be transferred from a narrow
high-speed bus to a wide, lower-frequency bus.
The device provides synchronous data exchange
between the two ports. Data is stored in the internal
registers on the low-to-high transition of the clock
(CLK)
input
when
the
appropriate
clock-enable
(CLKEN) inputs are low. The select (SEL) line is
synchronous with CLK and selects 1B or 2B input
data for the A outputs.
For data transfer in the A-to-B direction, a two-stage pipeline is provided in the A-to-1B path, with a single
storage register in the A-to-2B path. Proper control of these inputs allows two sequential 12-bit words to be
presented synchronously as a 24-bit word on the B port. Data flow is controlled by the active-low output enables
(OEA, OEB). These control terminals are registered, so bus direction changes are synchronous with CLK.
The B outputs, which are designed to sink up to 12 mA, include equivalent 26-
Ω resistors to reduce overshoot
and undershoot.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVCH162268DL
SSOP - DL
ALVCH162268
Tape and reel
SN74ALVCH162268DLR
-40
°C to 85°C
TSSOP - DGG
Tape and reel
SN74ALVCH162268GR
ALVCH162268
VFBGA - GQL
SN74ALVCH162268KR
Tape and reel
VH2268
VFBGA - ZQL (Pb-free)
74ALVCH162268ZQLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74ALVCH162268

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268DGG TI-SN74ALVCH162268DGG Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268DGGR TI1-SN74ALVCH162268DGGR Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268DL TI-SN74ALVCH162268DL Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162268

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com