Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300B15M100A Datasheet(PDF) 5 Page - Vicor Corporation

Part # V300B15M100A
Description  24Vin / 48Vout / 100Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300B15M100A Datasheet(HTML) 5 Page - Vicor Corporation

  V300B15M100A Datasheet HTML 1Page - Vicor Corporation V300B15M100A Datasheet HTML 2Page - Vicor Corporation V300B15M100A Datasheet HTML 3Page - Vicor Corporation V300B15M100A Datasheet HTML 4Page - Vicor Corporation V300B15M100A Datasheet HTML 5Page - Vicor Corporation V300B15M100A Datasheet HTML 6Page - Vicor Corporation V300B15M100A Datasheet HTML 7Page - Vicor Corporation V300B15M100A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V24C48C100A DC-DC Converter
Rev. 5.1
Page 5 of 8
Set your site on VICOR at www.vicorpower.com
Output Voltage Programming
The output voltage of the converter can be adjusted or
programmed via fixed resistors, potentiometers or voltage
DACs. See Figures 7 and 8.
CONTROL FUNCTIONS - SC PIN
Figure 8—Output voltage trim up circuit.
Figure 7—Output voltage trim down circuit.
RD (ohms) =
1,000 Vout
Vnom - Vout
RU
Trim Up
Load
Error
Amp
1k
1.23V
0.033
µF
+Out
SC
–Out
Load
RD
Trim Down
Error
Amp
1k
1.23V
0.033
µF
+Out
SC
–Out
Trim Down
1. This converter is not a constant power device – it has a
constant current limit. Hence, available output power is
reduced by the same percentage that output voltage is
trimmed down. Do not exceed maximum rated output current.
2. The trim down resistor must be connected to the –Out pin.
Trim Up
1. The converter is rated for a maximum delivered power. To ensure
that maximum rated power is not exceeded, reduce maximum
output current by the same percentage increase in output voltage.
2. The trim up resistor must be connected to the +Out pin.
3. Do not trim the converter above maximum trim range
(typically +10%) or the output over voltage
protection circuitry may be activated.
RU (ohms) =
1,000 (Vout-1.23) Vnom
–1,000
1.23 (Vout-Vnom)
Trim resistor values calculated automatically:
On-line calculators for trim resistor values are available
on the vicor website at: vicorpower.com/tools.html.
Resistor values can be calculated for fixed trim up, fixed
trim down and for variable trim up or down cases for both
1st and 2nd Generation DC-DC converters.
In addition to trimming information, the web site and the
Applications Manual also include design tips, applications
circuits, EMC suggestions, thermal design guidelines and
PDF data sheets for all available Vicor products.


Similar Part No. - V300B15M100A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300B15M100A VICOR-V300B15M100A Datasheet
180Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
More results

Similar Description - V300B15M100A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V24B48C200B VICOR-V24B48C200B Datasheet
148Kb / 8P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
V24C24C100B VICOR-V24C24C100B Datasheet
173Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
V24C5C100B VICOR-V24C5C100B Datasheet
142Kb / 8P
   24Vin / 5Vout / 100Watts DC-DC Converter Module
V24C15C100B VICOR-V24C15C100B Datasheet
173Kb / 8P
   24Vin / 15Vout / 100Watts DC-DC Converter Module
V24C24C100A VICOR-V24C24C100A Datasheet
180Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
V24C28C100A VICOR-V24C28C100A Datasheet
526Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V24C28C100B VICOR-V24C28C100B Datasheet
173Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
VI-982437 VICOR-VI-982437 Datasheet
193Kb / 9P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
VI-882653 VICOR-VI-882653 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com